Electronic Components Datasheet Search
  English  ▼

X  

HV3137 Datasheet(PDF) 2 Page - Supertex, Inc

Part # HV3137
Description  64-Channel Serial To Parallel Converter With Open Drain Outputs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV3137 Datasheet(HTML) 2 Page - Supertex, Inc

  HV3137 Datasheet HTML 1Page - Supertex, Inc HV3137 Datasheet HTML 2Page - Supertex, Inc HV3137 Datasheet HTML 3Page - Supertex, Inc HV3137 Datasheet HTML 4Page - Supertex, Inc HV3137 Datasheet HTML 5Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
Electrical Characteristics (over recommended operating conditions unless noted)
DC Characteristics
Symbol
Parameter
Min
Typ
Max
Units
Conditions
IDD
VDD Supply Current
15
mA
fCLK = 6MHz, fDATA = 3MHz
LE = LOW
IDDQ
Quiescent VDD Supply Current
250
µA
All VIN = 0V
IO(OFF)
Off State Output Current at 25°C, per Switch
100
nA
Output high, and at 375V
I
IH
High-Level Logic Input Current
10
µAVIH = VDD
IIL
Low-Level Logic Input Current
-10
µAVI = 0V
VOH
High-Level Data Out
VDD -1V
V
IDOUT = -100µA
V
OL
Low-Level Output
HV
OUT
10
V
IHV
OUT = +1mA
Data Out
1
V
IDOUT = +100µA
VOC
HVOUT Clamp Voltage
-3.0
V
IOL = -1mA
C
HVO
Output Capacitance per Channel
3
pF
V
DS = 100V
Symbol
Parameter
Min
Typ
Max
Units
Conditions
f
CLK
Clock Frequency
6
MHz
tW
Clock Width High or Low
83
ns
tSU
Data Setup Time Before Clock Falls
35
ns
t
H
Data Hold Time After Clock Falls
15
ns
tWLE
Width of Latch Enable Pulse
83
ns
t
DLE
LE Delay Time After Falling Edge of Clock
35
ns
t
SLE
LE Setup Time Before Falling Edge of Clock
40
ns
tDHL
Clock Delay Time Data High to Low
135
ns
t
DLH
Clock Delay Time Data Low to High
135
ns
AC Characteristics
Recommended Operating Conditions
Symbol
Parameter
Min
Typ
Max
Units
V
DD
Logic supply voltage
4.5
5
5.5
V
HV
OUT
High voltage output
8.0
375
V
VIH
High-level input voltage
3.5
VDD
V
V
IL
Low-level input voltage
0
0.8
V
T
A
Operating free-air temperature
-40
+85
°C
Notes:
Power-up sequence should be the following:
1. Connect ground.
2. Apply VDD.
3. Set all inputs (Data, CLK, Enable, etc.) to a known state.
4. Apply VPP.
Power-down sequence should be the reverse of the above.
HV3137



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com