Electronic Components Datasheet Search
  English  ▼

X  

XS2180 Datasheet(PDF) 19 Page - Seoul Semiconductor

Part # XS2180
Description  Z Power LED
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

XS2180 Datasheet(HTML) 19 Page - Seoul Semiconductor

Back Button XS2180 Datasheet HTML 15Page - Seoul Semiconductor XS2180 Datasheet HTML 16Page - Seoul Semiconductor XS2180 Datasheet HTML 17Page - Seoul Semiconductor XS2180 Datasheet HTML 18Page - Seoul Semiconductor XS2180 Datasheet HTML 19Page - Seoul Semiconductor XS2180 Datasheet HTML 20Page - Seoul Semiconductor XS2180 Datasheet HTML 21Page - Seoul Semiconductor XS2180 Datasheet HTML 22Page - Seoul Semiconductor XS2180 Datasheet HTML 23Page - Seoul Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
Rev. 00
Rev. 00
Nov 2008
Nov 2008
www.ZLED.com
www.ZLED.com
Document No. : SSC-QP-7-07-24 (Rev.00)
19
3. Reflow Soldering Conditions / Profile
4. Hand Soldering conditions
Lead : Not more than 3 seconds @MAX280℃
Slug : Use a thermal-adhesives
Pre-heating
200
180
150
0
220
240
260
Rising
5 °C/sec
Tm : Reflow machine setting temp (max 30 sec.)
Ts : Surface temp of PCB (min)
Ts : Surface temp of PCB (max)
Ts : Surface temp of PCB (recommend)
Cooling
-5 °C/sec
Time
[Hr]
* Caution
1. Reflow soldering should not be done more than one time.
2. Repairing should not be done after the LEDs have been soldered.
When repairing is unavoidable, suitable tools have to be used.
3. Die slug is to be soldered.
4. When soldering, do not put stress on the LEDs during heating.
5. After soldering, do not warp the circuit board.
6. Recommend to use a convection type reflow machine with 7 ~ 8 zones.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com