Electronic Components Datasheet Search
  English  ▼

X  

HV3418 Datasheet(PDF) 3 Page - Supertex, Inc

Part # HV3418
Description  64-Channel Serial To Parallel Converter With High Voltage Push-Pull Outputs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV3418 Datasheet(HTML) 3 Page - Supertex, Inc

  HV3418 Datasheet HTML 1Page - Supertex, Inc HV3418 Datasheet HTML 2Page - Supertex, Inc HV3418 Datasheet HTML 3Page - Supertex, Inc HV3418 Datasheet HTML 4Page - Supertex, Inc HV3418 Datasheet HTML 5Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
HV3418
Latch Enable
HVOUT
w/ S/R LOW
Data Valid
50%
50%
Data Input
Clock
DIO/DOI
50%
50%
50%
tSU
tH
tWL
tWH
50%
50%
tDLH
tDHL
50%
tWLE
tDLE
tSLE
50%
50%
tON
10%
HVOUT
w/ S/R HIGH
90%
90%
10%
tOFF
VIH
VIL
VIH
VIL
VOH
VOL
VOH
VOL
VIH
VOL
VOH
VOL
VOH
VOL
VDD
Input
GND
VPP
GND
HVOUT
Logic Inputs
GND
Data Out
Logic Data Output
High Voltage Outputs
VDD
Input and Output Equivalent Circuits
Switching Waveforms



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com