Electronic Components Datasheet Search
  English  ▼

X  

XS2182 Datasheet(PDF) 1 Page - Seoul Semiconductor

Part # XS2182
Description  Z Power LED
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

XS2182 Datasheet(HTML) 1 Page - Seoul Semiconductor

  XS2182 Datasheet HTML 1Page - Seoul Semiconductor XS2182 Datasheet HTML 2Page - Seoul Semiconductor XS2182 Datasheet HTML 3Page - Seoul Semiconductor XS2182 Datasheet HTML 4Page - Seoul Semiconductor XS2182 Datasheet HTML 5Page - Seoul Semiconductor XS2182 Datasheet HTML 6Page - Seoul Semiconductor XS2182 Datasheet HTML 7Page - Seoul Semiconductor XS2182 Datasheet HTML 8Page - Seoul Semiconductor XS2182 Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Rev. 00
Rev. 00
Nov 2008
Nov 2008
www.ZLED.com
www.ZLED.com
Document No. : SSC-QP-7-07-24 (Rev.00)
XS2182
XS2182
Features
• Super high flux output
and high luminance
• Designed for high
current operation
• Low thermal resistance
• SMT solderability
• Lead free product
•RoHS compliant
Applications
• Mobile phone flash
• Automotive interior /
Exterior lighting
• Automotive signal lighting
• Automotive forward
lighting
•Torch
• Architectural lighting
• LCD TV / Monitor backlight
• Projector light source
• Traffic signals
•Task lighting
• Decorative / Pathway
lighting
• Remote / Solar powered
lighting
•Household appliances
Z-Power series is designed for
high current operation and
high flux output applications.
Z-Power LED's thermal management
perform exceeds other power LED solutions.
It incorporates state of the art SMD design and Thermal
emission material.
Z Power LED is ideal light sources for general illumination
applications, custom designed solutions, automotive large
LCD backlights
*The appearance and specifications of the product may be changed
for improvement without notice.


Similar Part No. - XS2182

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
XS2180 SEOUL-XS2180 Datasheet
702Kb / 23P
Z Power LED
logo
TMSS France
XS218SANAL2 TELEMECANIQUESENSORS-XS218SANAL2 Datasheet
225Kb / 5P
Inductive proximity sensors XS, inductive sensor XS2 M18, L60mm, stainless, Sn12mm, 12...24 VDC, cable 2 m
Jun 17, 2024
More results

Similar Description - XS2182

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
W42180 ETC2-W42180 Datasheet
379Kb / 16P
Z-POWER LED
logo
Seoul Semiconductor
F50381 SEOUL-F50381 Datasheet
410Kb / 18P
Z-POWER LED Series
W724C0 SEOUL-W724C0 Datasheet
477Kb / 15P
Z Power LED
W47180 SEOUL-W47180 Datasheet
276Kb / 17P
Z Power LED
W47182 SEOUL-W47182 Datasheet
438Kb / 18P
Z Power LED
X42180 SEOUL-X42180 Datasheet
788Kb / 29P
Z Power LED
X42182 SEOUL-X42182 Datasheet
998Kb / 30P
Z Power LED
XS2180 SEOUL-XS2180 Datasheet
702Kb / 23P
Z Power LED
XZ10150 SEOUL-XZ10150 Datasheet
593Kb / 19P
Z Power LED
X42180 SEOUL-X42180_11 Datasheet
724Kb / 32P
Z Power LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com