Electronic Components Datasheet Search
  English  ▼

X  

HV441 Datasheet(PDF) 1 Page - Supertex, Inc

Part # HV441
Description  High-Voltage Ring Generator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV441 Datasheet(HTML) 1 Page - Supertex, Inc

  HV441 Datasheet HTML 1Page - Supertex, Inc HV441 Datasheet HTML 2Page - Supertex, Inc HV441 Datasheet HTML 3Page - Supertex, Inc HV441 Datasheet HTML 4Page - Supertex, Inc HV441 Datasheet HTML 5Page - Supertex, Inc HV441 Datasheet HTML 6Page - Supertex, Inc HV441 Datasheet HTML 7Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
Absolute Maximum Ratings
VPP1 - VNN1, power supply voltage
+240V
VPP1, positive high voltage supply
+120V
VPP2, positive gate voltage supply
+120V
VNN1, negative high voltage supply
-170V
VNN2, negative gate voltage supply
-170V
VDD1, low voltage logic supply
+7.5V
VDD2, low voltage analog/logic supply
+18V
Storage temperature
-65°C to +150°C
Power dissipation
1200mW
Operating Voltage
Package Options
V
PP1 - VNN1
44-Pin PLCC
220V
HV441PJ
General Description
The Supertex HV441 is a monolithic integrated circuit capable of
generating up to a 70V RMS sine wave output at frequencies of
15Hz to 60Hz with a load of 5 North American RENs. Its output
rating can be enhanced to 20 North American RENs with the
addition of two Supertex MOSFETs: one N-Channel MOSFET,
the TN2524N8 and one P-Channel MOSFET, the TP2522N8. The
high voltage outputs have pulse by pulse over current protection
set by two external sense resistors.
The HV441 generates a low voltage reference sine wave by using
external passive components. An external sine wave signal can
be used if desired. The HV441 amplifies the reference sine wave
signal by pulse width modulating the high voltage output at a
nominal frequency of 100KHz. An error amplifier compares the
output sine wave with the reference sine wave and adjusts the
pulse width accordingly. Both the amplitude of the output sine
wave and the DC offset voltage are adjustable.
Ordering Information
High-Voltage Ring Generator
Applications
❏ Stand alone high voltage ring generator
❏ Set-top/Street box ring generator
❏ Pair gain ring generator
❏ Wireless local loops
❏ Fiber in the loop/to the curb
❏ Coax cable loop
For detailed circuit and application information, please
refer to application not AN-H35.
HV441
Features
❏ 220V maximum operating voltage
❏ Integrated high voltage transistors
❏ Up to 70 V
RMS ring signal
❏ Adjustable AC and DC output voltage level
❏ Adjustable ring signal start phase angle
❏ Pulse by pulse output over current protection
❏ 5 REN output capability
❏ External MOSFETs enhance output rating to 20 REN
12/13/01
Supertex Inc. does not recommend the use of its products in life support applications and will not knowingly sell its products for use in such applications unless it receives an adequate "products liability
indemnification insurance agreement." Supertex does not assume responsibility for use of devices described and limits its liability to the replacement of devices determined to be defective due to
workmanship. No responsibility is assumed for possible omissions or inaccuracies. Circuitry and specifications are subject to change without notice. For the latest product specifications, refer to the
Supertex website: http://www.supertex.com. For complete liability information on all Supertex products, refer to the most current databook or to the Legal/Disclaimer page on the Supertex website.


Similar Part No. - HV441

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV441 SUTEX-HV441 Datasheet
360Kb / 8P
High-Voltage Ring Generator
HV441PJ SUTEX-HV441PJ Datasheet
360Kb / 8P
High-Voltage Ring Generator
HV441 SUTEX-HV441_03 Datasheet
360Kb / 8P
High-Voltage Ring Generator
More results

Similar Description - HV441

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV430 SUTEX-HV430 Datasheet
119Kb / 8P
High Voltage Ring Generator
HV440 SUTEX-HV440 Datasheet
83Kb / 4P
High-Voltage Ring Generator
HV450 SUTEX-HV450 Datasheet
84Kb / 4P
High-Voltage Ring Generator
logo
Texas Instruments
UCC2752 TI-UCC2752 Datasheet
72Kb / 6P
Resonant Ring Generator Controller
logo
Supertex, Inc
HV421 SUTEX-HV421 Datasheet
56Kb / 5P
High Voltage 1 REN Ring Generator
HV440 SUTEX-HV440_07 Datasheet
621Kb / 5P
High-Voltage Ring Generator
HV441 SUTEX-HV441_03 Datasheet
360Kb / 8P
High-Voltage Ring Generator
logo
Linear Technology
LT1684 LINER-LT1684_15 Datasheet
236Kb / 16P
Micropower Ring Tone Generator
logo
Supertex, Inc
HV440 SUTEX-HV440_14 Datasheet
464Kb / 6P
High Voltage Ring Generator IC
HV430 SUTEX-HV430_14 Datasheet
546Kb / 9P
High-Voltage Ring Generator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com