Electronic Components Datasheet Search
  English  ▼

X  

HV450 Datasheet(PDF) 4 Page - Supertex, Inc

Part # HV450
Description  High-Voltage Ring Generator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV450 Datasheet(HTML) 4 Page - Supertex, Inc

  HV450 Datasheet HTML 1Page - Supertex, Inc HV450 Datasheet HTML 2Page - Supertex, Inc HV450 Datasheet HTML 3Page - Supertex, Inc HV450 Datasheet HTML 4Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
Typical Application Circuit
High
Voltage
Level
Translator
Linear
Reg
Pgnd
VDD
VDD
GND
Vpsen
Pgate
VPP
HVOUT
10mH
3.9
Ω
3.9
Ω
0.1
µF
0.22
µF
Sine Wave
Ring Output
Current
Sense
and
Driver
Current
Sense
and
Driver
Linear
Reg
Logic
NIN
PIN
Mode
EN
VNN2
Vnsen
Ngate
VNN1
0.1
µF
High
Voltage
Level
Translator
µ-Controller
Feedback
Network
HV450
HV450
1235 Bordeaux Drive, Sunnyvale, CA 94089
TEL: (408) 744-0100 • FAX: (408) 222-4895
www.supertex.com
12/13/010
©2001 Supertex Inc. All rights reserved. Unauthorized use or reproduction prohibited.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com