Electronic Components Datasheet Search
  English  ▼

X  

HV5522 Datasheet(PDF) 2 Page - Supertex, Inc

Part # HV5522
Description  32-Channel Serial To Parallel Converter With Open Drain Outputs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV5522 Datasheet(HTML) 2 Page - Supertex, Inc

  HV5522 Datasheet HTML 1Page - Supertex, Inc HV5522 Datasheet HTML 2Page - Supertex, Inc HV5522 Datasheet HTML 3Page - Supertex, Inc HV5522 Datasheet HTML 4Page - Supertex, Inc HV5522 Datasheet HTML 5Page - Supertex, Inc HV5522 Datasheet HTML 6Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
Electrical Characteristics (over recommended operating conditions unless noted)
DC Characteristics
Symbol
Parameter
Min
Max
Units
Conditions
I
DD
V
DD supply current
15
mA
f
CLK = 8MHz
FDATA = 4MHz
I
DDQ
Quiescent V
DD supply current
100
µAVIN = 0V
IO(OFF)
Off state output current
10
µA
All outputs high
All SWS parallel
IIH
High-level logic input current
1
µAVIH = VDD
IIL
Low-level logic input current
-1
µAVIL = 0V
V
OH
High-level output data out
V
DD - 1.0V
V
I
Dout = -100µA
HVOUT
15.0
V
IHVout = +100mA
Data out
1.0
V
IDout = +100µA
V
OC
HV
OUT clamp voltage
-1.5
V
I
OL = -100mA
V
OL
Low-level output voltage
AC Characteristics (V
DD = 12V, TC = 25°C)
Symbol
Parameter
Min
Max
Units
Conditions
fCLK
Clock frequency
8
MHz
tW
Clock width high or low
62
ns
t
SU
Data set-up time before clock falls
25
ns
tH
Data hold time after clock falls
10
ns
tON
Turn on time, HVOUT from enable
500
ns
RL = 2KΩ to VPP MAX
t
DHL
Delay time clock to data high to low
100
ns
C
L = 15pF
tDLH
Delay time clock to data low to high
100
ns
CL = 15pF
t
DLE
Delay time clock to LE low to high
50
ns
t
WLE
Width of LE pulse
50
ns
tSLE
LE set-up time before clock falls
50
ns
Recommended Operating Conditions
Symbol
Parameter
Min
Max
Units
VDD
Logic supply voltage
10.8
13.2
V
HV5530 and HV5630
-0.3
+300
V
HV5522 and HV5622
-0.3
+220
V
VIH
High-level input voltage
VDD - 2V
VDD
V
V
IL
Low-level input voltage
0
2.0
V
f
CLK
Clock frequency
8
MHz
Plastic
-40
+85
°C
Ceramic
-55
+125
°C
Note:
Power-up sequence should be the following:
1. Connect ground.
2. Apply VDD.
3. Set all inputs to a known state.
Power-down sequence should be the reverse of the above.
HV
OUT
High voltage output
T
A
Operating free-air temperature
HV5522/HV5530/HV5622/HV5630



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com