Electronic Components Datasheet Search
  English  ▼

X  

SCG2010 Datasheet(PDF) 10 Page - Connor-Winfield Corporation

Part # SCG2010
Description  Synchronous Clock Generators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

SCG2010 Datasheet(HTML) 10 Page - Connor-Winfield Corporation

Back Button SCG2010 Datasheet HTML 6Page - Connor-Winfield Corporation SCG2010 Datasheet HTML 7Page - Connor-Winfield Corporation SCG2010 Datasheet HTML 8Page - Connor-Winfield Corporation SCG2010 Datasheet HTML 9Page - Connor-Winfield Corporation SCG2010 Datasheet HTML 10Page - Connor-Winfield Corporation SCG2010 Datasheet HTML 11Page - Connor-Winfield Corporation SCG2010 Datasheet HTML 12Page - Connor-Winfield Corporation SCG2010 Datasheet HTML 13Page - Connor-Winfield Corporation SCG2010 Datasheet HTML 14Page - Connor-Winfield Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Data Sheet #: SG035
Page 10 of 20
Rev: 00
Date: 08/23/04
© Copyright 2004 The Connor-Winfield Corp. All Rights Reserved Specifications subject to change without notice
SCG2000 Jitter Attenuation
Figure 12
Typical System Test Setup
Figure 13
Target System Under Test
PossibleChoice :
Stanford Research Model: FS700
Arbitrary
Waveform
Generator
External
Reference Input
Arbitrary
Waveform
Generator
[Noise
Source]
DS1 rateRZ (1.544MHz),E1 rateRZ or 8 kHz
clock RZ withnoise modulation
Clock or BITSl ogic l evel clock
input (TTL, CMOS, etc.)
HP53310A
Modulation Analyzer / Time Interval Analyzer
DS1 rate [1.544MHz] BITSBipolar
Phase Error data output
Samp le Wan derG e ne rat i on (T D EV ) fo rSTM /MST M- S3
100.0E -12
1.0E -9
10.0E -9
100.0E -9
1.0E -6
10. 0E- 3
1 0 0 .0E - 3
1. 0E + 0
10.0E + 0
100.0 E +
01 .0E + 3
In tegra t ion Ti me ( se c)
TDEV
GR1244- Fig5. 1
GR1244- Fig5- 3
Typi cal res ponse -3000 se co nd tes t -Ji tter applie d (2 UI @ 10 Hz)
ref date APR 22 1998
kdh
Copy right 1998 Co nnor -Win field a lll r ights re ser v ed
S amp le M T IE Da ta fo r ST M - S 3/ M ST M - S 3
1.0E-9
10.0E-9
100.0E-9
1.0E-6
100.0E-31.0 E
+0
1 0 .0E+
01 0 0.0 E
+0
1 . 0E+ 3
1 0.0 E
+3
Obs ervati on Tim e (s)
MT IE
1244-5 .2 M as k ( A)
1244-5 .2 M as k ( B)
1244-5. 6 Ma s k
GR253- 5 .4. 4.3. 2
Copy right 1998 Connor-Wi nfie ld allr ights res erve d
Ty p ic a lre s pons e - 3000 seco n d te s t- Jit ter applie d (2 UI@ 10 Hz)
re fdat e APR 22 1998
kd h
Standards
Compliance
Documents
Time-stamped ensemble
based onabsolute time
reference(10MHz input)
DS-1, OC-3, OC-12 electrical or optical signals
Wander Analyzer data (IEEE-488)
10
MHz
This devicesupplies system time
information. It can be thought of as
supplying "absolute time" reference
information
10
MHz
External
Reference Input
10
MHz
External
Reference Input
IEEE-488 Controller
Platformfor software
HP53305A Phase Analyzer
HPE1748ASync Measurement
Tektronix Wander Analyzer
10
MHz
External
Reference Input
. . . . ...
MTIE, TDEV, Wander Transfer,
and Wander Generation Plots
Tektronix
SJ300E
GPSor LORAN
Timing Source
Jitter Attenuation vs. Input Frequency
-45.0
-40.0
-35.0
-30.0
-25.0
-20.0
-15.0
-10.0
-5.0
0.0
1
10
100
1000
INPUT Jitter frequency (Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com