Electronic Components Datasheet Search
  English  ▼

X  

SCG2050 Datasheet(PDF) 13 Page - Connor-Winfield Corporation

Part # SCG2050
Description  Synchronous Clock Generators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

SCG2050 Datasheet(HTML) 13 Page - Connor-Winfield Corporation

Back Button SCG2050 Datasheet HTML 9Page - Connor-Winfield Corporation SCG2050 Datasheet HTML 10Page - Connor-Winfield Corporation SCG2050 Datasheet HTML 11Page - Connor-Winfield Corporation SCG2050 Datasheet HTML 12Page - Connor-Winfield Corporation SCG2050 Datasheet HTML 13Page - Connor-Winfield Corporation SCG2050 Datasheet HTML 14Page - Connor-Winfield Corporation SCG2050 Datasheet HTML 15Page - Connor-Winfield Corporation SCG2050 Datasheet HTML 16Page - Connor-Winfield Corporation SCG2050 Datasheet HTML 17Page - Connor-Winfield Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Data Sheet #: SG035
Page 13 of 20
Rev: 00
Date: 08/23/04
© Copyright 2004 The Connor-Winfield Corp.
All Rights Reserved Specifications subject to change without notice
SCG2000
SCG2000 Individual Features:
• Four selectable References:
8, 16, 32, and 64 kHz.
• Oscillator Output Available:
1.544 MHz to 125.0 MHz.
The SCG2000 is Connor-Winfield’s base model
for the SCG2000 Series product line. The
SCG2000 can lock to one of four input
reference frequencies from 8 to 64 kHz which is
selectable using two input control pins.
Notes:
Note 4.0:
Not available with 19.44 MHz output.
Input Reference Selection
Table 9
SCG2000
Input Sel A
Input Sel B
Reference Frequency
(Pin #14)
(Pin #13)
(Pin #8)
0
0
8 kHz (default)
1
0
16 kHz
0
1
32 kHz (see note 4.0)
1
1
64 kHz (see note 4.0)
Reference and Output Availability
Table 10
SCG2000
Input Reference
Oscillator Output
Reference Output
(Pin #8)
(Pin #9)
(Pin #1)
8 kHz
19.44 MHz
8 kHz
16 kHz
16 kHz
8 kHz
8 kHz
16 kHz
38.88 MHz
16 kHz
32 kHz
32 kHz
8 kHz
8 kHz
16 kHz
1.544, 2.048, 16.384 20.48, 37.056,
16 kHz
32 kHz
44.736, 49.152, 51.84 and 77.76 MHz
32 kHz
64 kHz
64 kHz
8 kHz
125.0 MHz
8 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com