Electronic Components Datasheet Search
  English  ▼

X  

HV66X Datasheet(PDF) 2 Page - Supertex, Inc

Part # HV66X
Description  32-Channel LCD Driver with Separate Backplane Output
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV66X Datasheet(HTML) 2 Page - Supertex, Inc

  HV66X Datasheet HTML 1Page - Supertex, Inc HV66X Datasheet HTML 2Page - Supertex, Inc HV66X Datasheet HTML 3Page - Supertex, Inc HV66X Datasheet HTML 4Page - Supertex, Inc HV66X Datasheet HTML 5Page - Supertex, Inc HV66X Datasheet HTML 6Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
Symbol
Parameter
Min
Max
Units
V
DD
Logic supply voltage
4.5
5.5
V
V
PP
Output voltage*
0
32
V
VIH
High-level input voltage
2.4
VDD
V
V
IL
Low-level input voltage
0
0.8
V
f
CLK
Clock frequency
0
5
MHz
TA
Operating free-air temperature
-40
+85
°C
I
OD
Allowable current through output diodes
200
mA
Notes:
*Output will not switch below 12V.
Power-up sequence should be the following:
1. Connect ground.
3.
Set all inputs (Data, CLK, Enable, etc.) to a known state.
2. Apply VDD.4. Apply VPP.
Power-down sequence should be the reverse of the above.
The VPP should not drop below VDD during operation.
Electrical Characteristics (over recommended operating conditions unless noted)
DC Characteristics (V
DD = 5V, VPP = 32V, VSS = GND)
Symbol
Parameter
Min
Max
Units
Conditions
I
DD
V
DD supply current
15
mA
V
DD = VDD max
f
CLK = 5MHz
I
PPQ
High voltage supply current
0.5
mA
Outputs high
0.5
mA
Outputs low
I
DDQ
Quiescent V
DD supply current
0.5
mA
All V
IN = VSS or VDD
V
OH
High-level output
Q
22
V
I
O= 1mA, VPP = 24V
Data out
4.6
V
IO= -100µA
V
OL
Low-level output
Q
2
V
I
O= 1mA
Data out
0.4
V
I
O= 100µA
IIH
High-level logic input current
1
µAVIH = VDD
I
IL
Low-level logic input current
-1
µAVIL = 0V
V
OLBP
Low-level output voltage, backplane
3
V
I
O = 10mA
VOHBP
High-level output voltage, backplane
29
V
IO = -10mA
AC Characteristics (V
DD = 5V, VPP = 32V, TC = 25°C), logic input rises/fall time = 10ns.
Symbol
Parameter
Min
Max
Units
Conditions
f
CLK
Clock frequency
5
MHz
tW
Clock width high or low
100
ns
tSU
Data set-up time before clock rises
25
ns
t
H
Data hold time after clock rises
50
ns
tON, tOFF
Time from latch enable or POL to HVOUT
500
ns
CL = 20pF
t
ON, tOFF
Time from POL to BP output
500
ns
C
L = 20pF
t
DHL
Delay time clock to data high to low
200
ns
C
L = 10pF
tDLH
Delay time clock to data low to high
200
ns
CL = 10pF
t
DLE
Delay time clock to LE low to high
50
ns
t
WLE
Width of LE pulse
100
ns
tSLE
LE set-up time before clock rises
50
ns
t
BR, tBF
BP
OUT rise/fall time
10
1000
µsCL = 350nF
 tBR - tBF
BP
OUT rise and fall difference
100
µsCL = 350nF
Recommended Operating Conditions
HV66



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com