Electronic Components Datasheet Search
  English  ▼

X  

HV809 Datasheet(PDF) 1 Page - Supertex, Inc

Part # HV809
Description  Off-Line High Voltage EL Lamp Driver
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV809 Datasheet(HTML) 1 Page - Supertex, Inc

  HV809 Datasheet HTML 1Page - Supertex, Inc HV809 Datasheet HTML 2Page - Supertex, Inc HV809 Datasheet HTML 3Page - Supertex, Inc HV809 Datasheet HTML 4Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
HV809
General Description
The Supertex HV809 is an off-line high voltage EL lamp driver
integrated circuit designed for driving EL lamps of up to 350nF at
400Hz. The input supply voltage can be a rectified nominal 120V
AC source or any other DC source up to 200V. The HV809 will
supply the EL lamp with an AC square wave with a peak-to-peak
voltage of two times the input DC voltage.
The HV809 has two internal oscillators, a low output voltage
linear regulator, and a high voltage output H-bridge. The high
voltage output H-bridge frequency is set by an external resistor
connected between the REL-osc and GND pins. The EL lamp is
connected between V
A and VB.
For the HV809 in the 8-pin
package, an external RC network can be connected between the
oscillator’s osc1 and osc2 pins to pulse the EL lamp on and off.
Off-Line High Voltage EL Lamp Driver
Ordering Information
Absolute Maximum Ratings
HV
IN, Input Voltage
+210V
VDD, Internal Logic Voltage
+15V
Operating Temperature Range
-25
°C to +85°C
Storage Temperature Range
-55
°C to +150°C
Power Dissipation
SO-8
500mW
SO-8 + Slug
1.5 Watts
7 Pin TO-220
15 Watts
Note:
*All voltages are referenced to GND.
Features
❏ Processed with HVCMOS® technology
❏ Input voltage up to 200V DC
❏ 400V peak-to-peak output voltage
❏ Output load up to 350nF (100 in2 for 3.5nF/in2 lamp)
❏ Adjustable output lamp frequency
❏ Adjustable On/Off pulsing frequency
Applications
❏ Electronic Organizers
❏ Handheld Portable Computers
❏ Display Signs
❏ Portable Instrumentation Equipment
Package Options
Device
8-Lead SO
8-Lead SO + Slug
7-Pin TO-220
Die
HV809
HV809LG
HV809SG
HV809K2
HV809X
Pin Configurations
HV
IN
V
A
V
DD
V
B
osc2
GND
osc1
R
EL-osc
7 -Pin
TO-220
TAB: GND
1 2 3 4
5 6 7
Pin 01: osc1
Pin 02: VDD
Pin 03: REL-osc
Pin 04: GND
Pin 05: VB
Pin 06: VA
Pin 07: HVIN
TAB:
GND
For detailed circuit and application information, please refer
to Application Note AN-H36.
1
2
3
4
8
7
6
5
top view
SO-8
11/12/01
Supertex Inc. does not recommend the use of its products in life support applications and will not knowingly sell its products for use in such applications unless it receives an adequate "products liability
indemnification insurance agreement." Supertex does not assume responsibility for use of devices described and limits its liability to the replacement of devices determined to be defective due to
workmanship. No responsibility is assumed for possible omissions or inaccuracies. Circuitry and specifications are subject to change without notice. For the latest product specifications, refer to the
Supertex website: http://www.supertex.com. For complete liability information on all Supertex products, refer to the most current databook or to the Legal/Disclaimer page on the Supertex website.


Similar Part No. - HV809

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV809 SUTEX-HV809 Datasheet
478Kb / 7P
Off-Line, High Voltage EL Lamp Driver
HV809K2-G SUTEX-HV809K2-G Datasheet
478Kb / 7P
Off-Line, High Voltage EL Lamp Driver
HV809K2-G SUTEX-HV809K2-G Datasheet
1Mb / 8P
Off-Line, High Voltage EL Lamp Driver
HV809LG-G SUTEX-HV809LG-G Datasheet
478Kb / 7P
Off-Line, High Voltage EL Lamp Driver
HV809LG-G SUTEX-HV809LG-G Datasheet
1Mb / 8P
Off-Line, High Voltage EL Lamp Driver
More results

Similar Description - HV809

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV823 SUTEX-HV823 Datasheet
391Kb / 8P
High Voltage EL Lamp Driver
HV825 SUTEX-HV825 Datasheet
327Kb / 4P
High Voltage EL Lamp Driver
logo
IMP, Inc
IMP528 IMP-IMP528 Datasheet
134Kb / 6P
HIGH-VOLTAGE EL LAMP DRIVER
IMP803 IMP-IMP803 Datasheet
162Kb / 8P
HIGH-VOLTAGE EL LAMP DRIVER
logo
Supertex, Inc
HV803 SUTEX-HV803 Datasheet
80Kb / 8P
High-Voltage EL Lamp Driver
HV8051 SUTEX-HV8051 Datasheet
53Kb / 4P
High-Voltage EL Lamp Driver
HV829A SUTEX-HV829A Datasheet
42Kb / 4P
High Voltage EL Lamp Driver
HV809 SUTEX-HV809_07 Datasheet
478Kb / 7P
Off-Line, High Voltage EL Lamp Driver
HV833 SUTEX-HV833_07 Datasheet
812Kb / 10P
High Voltage EL Lamp Driver
HV809 SUTEX-HV809_13 Datasheet
1Mb / 8P
Off-Line, High Voltage EL Lamp Driver
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com