Electronic Components Datasheet Search
  English  ▼

X  

HV832 Datasheet(PDF) 2 Page - Supertex, Inc

Part # HV832
Description  Dual High Voltage, Low Noise EL Lamp Driver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV832 Datasheet(HTML) 2 Page - Supertex, Inc

  HV832 Datasheet HTML 1Page - Supertex, Inc HV832 Datasheet HTML 2Page - Supertex, Inc HV832 Datasheet HTML 3Page - Supertex, Inc HV832 Datasheet HTML 4Page - Supertex, Inc HV832 Datasheet HTML 5Page - Supertex, Inc HV832 Datasheet HTML 6Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
HV832
Recommended Operating Conditions
Symbol
Parameter
Min
Typ
Max
Units
Conditions
V
DD
Supply voltage
2.0
5.0
V
T
A
Operating temperature
-40
85
°C
Electrical Characteristics
DC Characteristics (Over recommended operating conditions unless otherwise specified, T
A = 25°C)
Symbol
Parameter
Min
Typ
Max
Units
Conditions
RDS(ON)
On-resistance of switching transistor
7.0
Ω
I = 100mA
V
CS
Output regulation voltage
80
90
100
V
V
DD = 2.0V to 5.0V
V
diff
differential output voltage across each lamp
(EL
1 to Com, EL2 to Com)
160
180
200
V
V
DD = 2.0V to 5.0V
I
DDQ
Quiescent V
DD supply current
150
nA
IDD
Input current into VDD pin
150
µAV
DD = 2.0V to 5.0V
I
IN
Input current including inductor current
27
32
mA
V
IN = 3.0V.
Driving EL1 or EL2.
See Figure 1.
38
43
V
IN = 3.0V.
Driving both EL1 and EL2.
See Figure 1.
VCS
Output voltage on VCS
68
78
87
V
V
IN = 3.0V. Driving EL1 or
EL2. See Figure 1.
62
70
78
V
IN = 3.0V. Driving both EL1
and EL2, See Figure 1.
fEL
Vdiff output drive frequency
350
400
450
Hz
VIN = 3.0V. See Figure 1.
f
SW
Switching transistor frequency
44.8
51.2
57.6
KHz
V
IN = 3.0V. See Figure 1.
f
SW Drift
Switching transistor frequency Drift
+/- 5.0
KHz
T
A = -40°C to +85°C
D
Switching transistor duty cycle
85
%
See Figure 1.
I
IL
Input logic low current going
into the control pin.
0.6
µA
V
DD = 2.0V to 5.0V.
See Figure 1.
I
IH
Input logic high current going
into the control pin.
0.6
V
IL
Logic input low voltage
0
0.25
V
V
IH
Logic input high voltage
1.75
V
DD
V
* The inductor used is a 330uH Murata inductor, max DC resistance of 10 Ohms, part # LQH32CN331.
Absolute Maximum Ratings*
Supply voltage, VDD
-0.5V to 7.5V
Output voltage, VC
S
-0.5V to +120V
Operating Temperature Range
-40
°C to +85°C
Storage Temperature Range
-65
°C to +150°C
8 Pin MSOP Power Dissipation
300mW
* All voltages are referenced to ground.
Ordering Information
Package Options
Device
MSOP-8
Die
HV832
HV832MG*
HV832X
* Product supplied on 2500 piece carrier tape reels.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com