Electronic Components Datasheet Search
  English  ▼

X  

M60491EXCD Datasheet(PDF) 6 Page - MTRONPTI

Part # M60491EXCD
Description  14 Pin Dip, 3.3 & 5.0 Volt, HCMOS, Clipped Sinewave Precision TCXO/TCVCXO
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MTRONPTI [MTRONPTI]
Direct Link  http://www.mtronpti.com
Logo MTRONPTI - MTRONPTI

M60491EXCD Datasheet(HTML) 6 Page - MTRONPTI

  M60491EXCD Datasheet HTML 1Page - MTRONPTI M60491EXCD Datasheet HTML 2Page - MTRONPTI M60491EXCD Datasheet HTML 3Page - MTRONPTI M60491EXCD Datasheet HTML 4Page - MTRONPTI M60491EXCD Datasheet HTML 5Page - MTRONPTI M60491EXCD Datasheet HTML 6Page - MTRONPTI M60491EXCD Datasheet HTML 7Page - MTRONPTI  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
MtronPTI reserves the right to make changes to the product(s) and service(s) described herein without notice. No liability is assumed as a result of their use or application.
Please see www.mtronpti.com for our complete offering and detailed datasheets. Contact MtronPTI for your application specific requirements at 800.762.8800 toll free or 605.665.9321.
6
Typical Test Circuit
Maximum Wave Soldering Conditions:
Typical solder conditions for through hole crystals and oscillators:
Per MIL-STD-202, Method 210 “Resistance to Soldering Heat”, Condition C
Wave solder with a solder bath temperature of 260°C ±5°C and an exposure time of 10 ±1 second. Preheat
1-4°C/s to within 100°C of solder temperature (25 ±6 mm/s).
Note: Exceeding these limits may damage the device.
M6049/M6050 Series
14 Pin Dip, 3.3 & 5.0 Volt, HCMOS, Clipped Sinewave
Precision TCXO/TCVCXO



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com