Electronic Components Datasheet Search
  English  ▼

X  

RT16 Datasheet(PDF) 12 Page - Adam Technologies, Inc.

Part # RT16
Description  RELAY LOW PROFILE SMT SIGNAL RELAY-TYPE RT1
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAM-TECH [Adam Technologies, Inc.]
Direct Link  http://www.adam-tech.com
Logo ADAM-TECH - Adam Technologies, Inc.

RT16 Datasheet(HTML) 12 Page - Adam Technologies, Inc.

Back Button RT16 Datasheet HTML 8Page - Adam Technologies, Inc. RT16 Datasheet HTML 9Page - Adam Technologies, Inc. RT16 Datasheet HTML 10Page - Adam Technologies, Inc. RT16 Datasheet HTML 11Page - Adam Technologies, Inc. RT16 Datasheet HTML 12Page - Adam Technologies, Inc. RT16 Datasheet HTML 13Page - Adam Technologies, Inc. RT16 Datasheet HTML 14Page - Adam Technologies, Inc. RT16 Datasheet HTML 15Page - Adam Technologies, Inc. RT16 Datasheet HTML 16Page - Adam Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
Adam Technologies, Inc.
909 Rahway Avenue • Union, New Jersey 07083 • T: 908-687-5000 • F: 908-687-5710 • WWW.ADAM-TECH.COM
61
RELAY
GENERAL PURPOSE RELAY-TYPE RG2
R SERIES
Recommended PCB Layout
12
3
4
8
7
6
5
12
11
10
9
13
14
14
13
9
10
11
12
56
7
8
4
3
2
1
12
3
6
5
4
9
8
7
13
14
14
13
78
9
4
56
3
2
1
14
8
5
12
9
13
14
14
13
78
45
2
1
RG2-1A
14
13
12
2
2
7
12
13
14
Nominal
Voltage
V AC
V DC (max.)
Pick-up Voltage
V DC (min.)
Voltage
Drop-out
Nominal
Operating Current
mA (±10%)
Coil Resistance
(±10%)
VA
Operating Power
Max allowable
Voltage
V DC
AC Types (50/60 Hz) at 60 Hz, 20 C
DC Types @ 20 C
V DC
Voltage
Max allowable
Operating Power W
Nominal
(±10%)
Coil Resistance
mA (±10%)
Operating Current
Nominal
Drop-out
Voltage
V DC (min.)
Pick-up Voltage
V DC (max.)
V DC
Voltage
Nominal
Minimum
.161 [4.10 ]
.250 [6.35]
.250 [6.35]
.525
[13.35]
.173
[4.40]
ø.079
[2.00] TYP
.866 [22.00]
MAX.
1.10 [28.00]
MAX.
1.378
[35.00]
MAX.
.525 [13.35]
TOP MOUNT
FLANGE OPTION
1.732 [44.00] MAX.
.161 [4.10]
.250 [6.35]
.250 [6.35]
RG2-2A
RG2-3A
RG2-4A
RG2-4C
RG2-3C
RG2-2C
RG2-1C
12
48
24
6
110/120
96
4.8
19.2
38.4
9.6
22
1.2
4.8
9.6
2.4
13.5 / 14.5
200
60
30
100
3400
10
160
650
40
132
6.6
26.4
52.8
13.2
264
1360
6.0 / 6.5
44
176
220/240
13.2
52.8
26.4
6.6
132
0.9
0.9
0.9
0.9
1.0
160
2560
640
40
13,400
75
19
37
150
8.2
1.2
4.8
2.4
0.6
11
9.6
38.4
19.2
4.8
88
110/120
6
24
48
12
Nominal
1.20
Minimum
0.77
0.64
0.58
0.58
0.58
0.58
RG2 SERIES
RG2-1A
RG2-2A
RG2-3A
RG2-4A
RG2-1C
RG2-2C
RG2-3C
RG2-4C
DC Types @ 20C
AC Types (50/60 Hz) @ 60 Hz, 20C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com