Electronic Components Datasheet Search
  English  ▼

X  

HV9901 Datasheet(PDF) 2 Page - Supertex, Inc

Part # HV9901
Description  Universal Relay Driver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV9901 Datasheet(HTML) 2 Page - Supertex, Inc

  HV9901 Datasheet HTML 1Page - Supertex, Inc HV9901 Datasheet HTML 2Page - Supertex, Inc HV9901 Datasheet HTML 3Page - Supertex, Inc HV9901 Datasheet HTML 4Page - Supertex, Inc HV9901 Datasheet HTML 5Page - Supertex, Inc HV9901 Datasheet HTML 6Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
HV9901
Electrical Characteristics
(TA = 25°C, unless otherwise specified)
Symbol Parameters
Min
Typ
Max
Unit
Conditions
Adjustable Regulator
V
CC
Regulator Output Voltage Range
2.0
5.5
V
I
CC =1.0mA load
ICC
Regulator Output Current
0
1.0
mA
no load at VDD , See Note
V
FB
Feed Back Voltage
0
V
REF
V
DD -1.0V
V
IFB
Input Bias Current
25
100
nA
VFB = VREF
Note: Maximum allowable load current limited by power dissipation and operating ambient temperature.
Reference (T
A=25°C unless otherwise noted)
VREF
Bandgap Reference Voltage
1.22
1.25
1.28
V
TA = 25°C
V
REF
Bandgap Reference Voltage
1.20
1.25
1.30
V
T
A = -40°C to +85°C
VREF
Load Regulation
7.0
mV
0mA < IREF < 0.3mA
V
REF
Line Regulation
2.0
5.0
mV
6V < V
DD < 8V
IREF(SHORT) Short Circuit Current
1.0
mA
I
REF(SINK)
Reference Voltage Sink Current
20
µA
High Voltage Regulator
8.0
450
V
I
CC = 0.25mA load
VIN
Input Voltage
10
450
V
I
CC = 1.0mA load
IIN
Supply Current
2.0
mA
no load at VDD,
load at I
CC =1mA,
C
GT = 500pF, fOSC = 25 KHz
VDD
Regulator Output Voltage
7.0
7.5
7.8
V
no load at VDD, load at
I
CC =1mA, CGT = 500pF,
fOSC = 25 KHz
V
UVLO
V
DD Under Voltage Lockout
6.4
6.7
7.0
V
Ordering Information
Package Options
16 Lead
16 Lead
Plastic DIP
Plastic SO
HV9901P
HV9901NG
Absolute Maximum Ratings
Input voltage, V
IN
2
-0.5 to +470V
Input voltage to any other pin 2
-0.3V to V
DD+0.3V
Continuous total power dissipation for DIP
1000 mW 1
Continuous total power dissipation for SO
750 mW 1
Operating Temperature Range
-40 to +85°C
Note 1: For operation above 25°C ambient derate linearly at 7.5 mW/°C.
Note 2: All voltages are referenced to COM.
Pin Configuration
Plastic DIP – Plastic SO
For SO-16 Pins 2 and 3 are removed
VIN
GT
CS
COM
SYNC
VDD
VREF
HOLD/DELAY
FB
VCC
ENI
ENO
POL
RT
HV9901
Top View



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com