Electronic Components Datasheet Search
  English  ▼

X  

HV9901DB1 Datasheet(PDF) 2 Page - Supertex, Inc

Part # HV9901DB1
Description  Universal Relay Driver
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV9901DB1 Datasheet(HTML) 2 Page - Supertex, Inc

  HV9901DB1 Datasheet HTML 1Page - Supertex, Inc HV9901DB1 Datasheet HTML 2Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
VREF
Aux
Reg
PWM
Int
Reg
SYNC
GT
CS
RT
VIN
ENI
POL
ENO
FB
H/D
VREF
VDD
VCC
5.0V @ 1mA
VIN
R5
11
Ω
R6
1.21M
Ω
R2
8.25k
Ω
R1
226k
Ω
C4
1.0µF
C3
100nF
C2
4.7µF
C1
100nF
Q1
VN2450
R3
374k
Ω
R4
124k
Ω
D3
ES1J
C
NC
NO
C5
1.0µF
0
1
VCC
POL
INT
EXT RELAY
SYNC
EN
VCC
F1
250mA
D1
DF06
K1
NAIS JS1-5V
GND
D2
S1J
R7
270k
Ω
HV9901DB1 Schematic
Modifications
External Relay
Connect the coil of the external relay to the External Relay
terminals and move the Relay Selector shunt to the Ext
position.
Pull-in Current, Pull-in Time, and Hold Current
For use with other relays, these parameters may be changed
via resistors R1 and R2 and capacitor C4. Refer to the HV9901
data sheet for details.
Monitoring Relay Current
For the on-board relay, coil current may be monitored by
replacing the Relay Selector shunt with either a wire loop (for
current probe use) or with a low value sense resistor (for
voltage probe use). Remember that galvanic isolation is not
provided! See warnings on the first page.
Switching Frequency
To change the PWM switching frequency, change R6 according
to the following equation:
This equation is valid for frequencies 25kHz and above. Be
advised that frequencies below 20kHz may cause the relay coil
to emit audible noise. And avoid higher frequencies that
approach the coil’s resonant frequency.
VCC
As provided, the HV9901DB1 supplies 5V for external circuitry.
Other volltages in the range 2.0V to 5.5V may be obtained by
changing R3. Current ratingremains at 1mA.
Note that changing VCC also changes the Enable logic levels.


+
=
4
3
1
V
25
.
1
R
R
V
CC
CC
hi
EN
CC
lo
EN
V
V
V
V
7
.
0
3
.
0
)
(
)
(
>
<
6
Ω
21.8GHz
3.23kHz
R
f
PWM
⋅
+
=



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com