Electronic Components Datasheet Search
  English  ▼

X  

ES18B Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # ES18B
Description  9~18WAC-DC Single Output Desktop
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

ES18B Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  ES18B Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. ES18B Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NAMEPLATE
POWERLED
70 10mm
11 0.5mm
MechanicalSpecification
DeratingCurve
FileName:ES18B-SPEC 2007-03-01
Unit:mm
Ta(
)
0
10
20
30
40
70
100
StaticCharacteristics
INPUTVOLTAGE
0
50
60
70
60
100
260
80
90
100
80
Plug Assignment
Standardplug:P1J(option)
33
79
9~18W AC-DCSingleOutputDesktop
E S 1 8 B series
50
ID2.1xOD5.5
C"+"
UL118516AWG1830 50mmfor3.3V
UL118518AWG1830 50mmfor5~48V
P/N
OUTPUT
P1J
CENTER
+



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com