Electronic Components Datasheet Search
  English  ▼

X  

LT1719CS8 Datasheet(PDF) 14 Page - Linear Technology

Part # LT1719CS8
Description  4.5ns Single/Dual Supply 3V/5V Comparator with Rail-to-Rail Output
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1719CS8 Datasheet(HTML) 14 Page - Linear Technology

Back Button LT1719CS8 Datasheet HTML 10Page - Linear Technology LT1719CS8 Datasheet HTML 11Page - Linear Technology LT1719CS8 Datasheet HTML 12Page - Linear Technology LT1719CS8 Datasheet HTML 13Page - Linear Technology LT1719CS8 Datasheet HTML 14Page - Linear Technology LT1719CS8 Datasheet HTML 15Page - Linear Technology LT1719CS8 Datasheet HTML 16Page - Linear Technology LT1719CS8 Datasheet HTML 17Page - Linear Technology LT1719CS8 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
14
LT1719
APPLICATIONS INFORMATION
Circuit Description
The block diagram of the LT1719 is shown in Figure 7. The
circuit topology consists of a differential input stage, a
gain stage with hysteresis and a complementary com-
mon-emitter output stage. All of the internal signal paths
utilize low voltage swings for high speed at low power.
The input stage topology maximizes the input dynamic
range available without requiring the power, complexity
and die area of two complete input stages such as are
found in rail-to-rail input comparators. With a single 2.7V
supply, the LT1719 still has a respectable 1.6V of input
common mode range. The differential input voltage range
is rail-to-rail, without the large input currents found in
competing devices. The input stage also features phase
reversal protection to prevent false outputs when the
inputs are driven below the –100mV common mode
voltage limit.
The internal hysteresis is implemented by positive, nonlin-
ear feedback around a second gain stage. Until this point,
the signal path has been entirely differential. The signal
path is then split into two drive signals for the upper and
lower output transistors. The output transistors are con-
nected common emitter for rail-to-rail output operation.
The Schottky clamps limit the output voltages at about
300mV from the rail, not quite the 50mV or 15mV of Linear
Technology’s rail-to-rail amplifiers and other products.
But the output of a comparator is digital, and this output
stage can drive TTL or CMOS directly. It can also drive ECL,
as described earlier, or analog loads as demonstrated in
the applications to follow.
The bias conditions and signal swings in the output stage
are designed to turn their respective output transistors off
faster than on. This helps minimize the surge of current
from + VS/V+ to ground that occurs at transitions, to
minimize the frequency-dependent increase in power con-
sumption. The frequency dependence of the supply cur-
rent is shown in the Typical Performance Characteristics.
OUT
GND OR V –
+VS OR V
+
–
+
–
+
–
+
–
+
+IN
–IN
AV1
VCC OR V
+
VEE OR V
–
SHUTDOWN
AV2
NONLINEAR STAGE
1719 F07
+
Σ
+
Σ
BIAS CONTOL
Figure 7. LT1719 Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com