Electronic Components Datasheet Search
  English  ▼

X  

LT1719CS6 Datasheet(PDF) 10 Page - Linear Technology

Part # LT1719CS6
Description  4.5ns Single/Dual Supply 3V/5V Comparator with Rail-to-Rail Output
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1719CS6 Datasheet(HTML) 10 Page - Linear Technology

Back Button LT1719CS6 Datasheet HTML 6Page - Linear Technology LT1719CS6 Datasheet HTML 7Page - Linear Technology LT1719CS6 Datasheet HTML 8Page - Linear Technology LT1719CS6 Datasheet HTML 9Page - Linear Technology LT1719CS6 Datasheet HTML 10Page - Linear Technology LT1719CS6 Datasheet HTML 11Page - Linear Technology LT1719CS6 Datasheet HTML 12Page - Linear Technology LT1719CS6 Datasheet HTML 13Page - Linear Technology LT1719CS6 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
10
LT1719
shutdown is active high, this resistor adds little power
drain during shutdown. A logic high disables the compara-
tor. The LT1719S8 logic interface is based on the output
power rails, + VS and GND.
For applications that do not use the shutdown feature, it
may be helpful to tie the shutdown control to ground
through a 100
Ω resistor rather than directly. This allows
the SHDN pin to be pulled high during debug or in-circuit
test (bed of nails) so that the output node can be wiggled
without damaging the low impedance output driver of the
LT1719.
The shutdown state is not guaranteed to be useful as a
multiplexer. Digital signals can have extremely fast edge
rates that may be enough to momentarily activate the
LT1719 output stage via internal capacitive coupling. No
damage to the LT1719 will result, but this could prove
deleterious to the intended recipient of the signal.
The LT1719 includes a FET pull-up on the shutdown
control pin (see Simplified Schematic) as well as other
internal structures to make the shutdown state current
drain <<1
µA. Shutdown is guaranteed with an open circuit
on the shutdown control pin. When the shutdown control
pin is driven to + VS/V+ – 0.5V, the 70kΩ linear region
impedance of the pull-up FET will cause a current flow of
7
µA (typ) into the +VS/V+ pin and out the shutdown pin.
Currents in all other power supply terminals will be <1
µA.
Power Supply Sequencing
The LT1719S8 is designed to tolerate any power supply
sequencing at system turn-on and power down. In any of
the previously shown power supply configurations, the
various supplies can activate in any order without exces-
sive current drain by the LT1719.
As always, the Absolute Maximum Ratings must not be
exceeded, either on the power supply terminals or the
input terminals. Power supply sequencing problems can
occur when input signals are powered from supplies that
are independent of the LT1719’s supplies. For the com-
parator inputs, the signals should be powered from the
same VCC and VEE supplies as the LT1719. For the shut-
down input, the signal should be powered from the same
+VS as the LT1719.
APPLICATIONS INFORMATION
Hysteresis
The LT1719 includes internal hysteresis, which makes it
easier to use than many other similar speed comparators.
The input-output transfer characteristic is illustrated in
Figure 3 showing the definitions of VOS and VHYST based
upon the two measurable trip points. The hysteresis band
makes the LT1719 well behaved, even with slowly moving
inputs.
Figure 3. Hysteresis I/O Characteristics
VHYST
(= VTRIP
+ – V
TRIP
–)
VHYST/2
VOL
1719 F03
VOH
VTRIP
–
VTRIP
+
∆VIN = VIN+ – VIN–
VTRIP
+ + V
TRIP
–
2
VOS =
0
The exact amount of hysteresis will vary from part to part
as indicated in the specifications table. The hysteresis
level will also vary slightly with changes in supply voltage
and common mode voltage. A key advantage of the
LT1719 is the significant reduction in these effects, which
is important whenever an LT1719 is used to detect a
threshold crossing in one direction only. In such a case,
the relevant trip point will be all that matters, and a stable
offset voltage with an unpredictable level of hysteresis, as
seen in competing comparators, is useless. The LT1719 is
many times better than prior comparators in these re-
gards. In fact, the CMRR and PSRR tests are performed by
checking for changes in either trip point to the limits
indicated in the specifications table. Because the offset
voltage is the average of the trip points, the CMRR and
PSRR of the offset voltage is therefore guaranteed to be at
least as good as those limits. This more stringent test also
puts a limit on the common mode and power supply
dependence of the hysteresis voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com