Electronic Components Datasheet Search
  English  ▼

X  

GS18B Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # GS18B
Description  10~18WAC-DC Single Output Desktop
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

GS18B Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  GS18B Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. GS18B Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Universal AC input / Full range
No load power consumption<0.5W
Pass energy star(CEC) level
for 5~48V output
Meet EISA 2007 (Energy Independence and Security Act) for 5 ~ 48V
2 pole AC inlet IEC320-C8
Class
power (without earth pin)
Full output 3~48V safety approval
Protections: Short circuit / Overload / Over voltage
Fully enclosed plastic case
LED indicator for power on
Approvals: UL / CUL / TUV / BSMI / CB / FCC / CE
Pass LPS for 9~48V output
2 years warranty
SPECIFICATION
GS18B03-P1J GS18B05-P1J GS18B07-P1J GS18B09-P1J GS18B12-P1J GS18B15-P1J GS18B18-P1J GS18B24-P1J GS18B28-P1J GS18B48-P1J
ORDERNO.
SAFETY MODEL NO.
DCVOLTAGE
Note.2
RATEDCURRENT
CURRENTRANGE
RATEDPOWER (max.)
RIPPLE&NOISE(max.) Note.3
OUTPUT
SETUP,RISE,HOLDUP TIME
VOLTAGERANGE
FREQUENCY RANGE
EFFICIENCY (Typ.)
ACCURRENT
INPUT
ENVIRONMENT
INRUSHCURRENT(max.)
LEAKAGECURRENT(max.)
SAFETY STANDARDS
SAFETY &
EMC
(Note.7)
WORKINGTEMP.
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
PROTECTION
3.3V
GS18B03
5V
GS18B05
7.5V
GS18B07
9V
GS18B09
12V
GS18B12
15V
GS18B15
18V
GS18B18
24V
GS18B24
28V
GS18B28
48V
GS18B48
3.0A
3.0A
2.0A
2.0A
1.50A
1.20A
1.0A
0.75A
0.64A
0.375A
0~3.0A
0~3.0A
0~2.0A
0~2.0A
0~1.20A
0~1.0A
0~0.75A
50mVp-p
50mVp-p
80mVp-p
80mVp-p
80mVp-p
100mVp-p
150mVp-p
180mVp-p
240mVp-p
240mVp-p
VOLTAGETOLERANCE Note.4
LINEREGULATION
Note.5
LOADREGULATION
Note.6
5.0%
5.0%
5.0%
5.0%
3.0%
3.0%
3.0%
2.0%
2.0%
2.0%
1.0%
1.0%
1.0%
1.0%
1.0%
1.0%
1.0%
1.0%
1.0%
1.0%
5.0%
5.0%
5.0%
5.0%
3.0%
3.0%
3.0%
2.0%
2.0%
2.0%
500ms,20ms,50ms/230VAC
atfullload
500ms,20ms,15ms/115VAC
90~264VAC135~370VDC
47~63Hz
68%
73%
79%
79%
81%
81%
82%
84%
84%
85%
0.5A /100VAC
45A /230VAC
0.25mA /240VAC
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
I/P-O/P:4242VDC
I/P-O/P:100MOhms/500VDC/ 25
/70%RH
500Khrsmin.MIL-HDBK-217F(25
)
0~+50
(Refertooutputloadderatingcurve)
20%~90%RHnon-condensing
-20~+85
,10~95%RH
0.03%/
(0~50
)
10~500Hz,2G10min./1cycle,periodfor60min. eachalongX, Y,Zaxes
79*54*33mm(L*W*H)
210g;60pcs/13.5kg/CARTON
FileName:GS18B-SPEC 2008-05-08
CONNECTOR
PLUG
CABLE
Standardtype
forstock
thertypeavailablebycustomerrequested
P1J:2.1
*5.5
*11mm,tuningforktype,centerpositive
;O
Standardtype
forstock
thertypeavailablebycustomerrequested
UL11856ft(4FT for3.3~5Voutput)
;O
10W
15W
15W
18W
18W
0~1.50A
18W
18W
18W
18W
0~0.64A
18W
0~0.375A
1.All parameters are specified at 230VAC input, rated load, 25
70% RH ambient.
2.DC voltage: The output voltage set at point measure by plug terminal & 50% load.
3.Ripple & noise are measured at 20MHz by using a 12" twisted pair terminated with a 0.1uf & 47uf capacitor.
4.Tolerance: includes set up tolerance, line regulation, load regulation.
5.Line regulation is measured from low line to high line at rated load.
6.Load regulation is measured from 20% to 100% rated load
7.The power supply is considered a component which will be installed into a final equipment. The final equipment must be re-confirmed that it still meets
EMC directives.
10~18W AC-DCSingleOutputDesktop
G S 1 8 B series
Features :
CompliancetoEN61000-4-2,3,4,5,6,8,11,lightindustrylevel,criteria A
HARMONICCURRENT
EMSIMMUNITY
EMICONDUCTION&RADIATION
OVERLOAD
OVERVOLTAGE
110~150% ratedoutputpower
Protectiontype:Hiccupmode,recoversautomaticallyafterfaultconditionisremoved
105~135%ratedoutputvoltage
Protectiontype:Clampbyzenerdiode,outputshort
TUV
Rheinland
ProductSafety
geprUfre
Sicherheit
UL60950-1,CSA C22.2, TUVEN60950-1,BSMICNS14336approved
CompliancetoEN55022classB,FCCPART 15/CISPR22classB,CNS13438classB
CompliancetoEN61000-3-2,3


Similar Part No. - GS18B

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
GS18B MEANWELL-GS18B Datasheet
175Kb / 2P
15~18WAC-DC Single Output Desktop
GS18B05 MEANWELL-GS18B05 Datasheet
175Kb / 2P
15~18WAC-DC Single Output Desktop
GS18B05-P1J MEANWELL-GS18B05-P1J Datasheet
175Kb / 2P
15~18WAC-DC Single Output Desktop
GS18B07 MEANWELL-GS18B07 Datasheet
175Kb / 2P
15~18WAC-DC Single Output Desktop
GS18B07-P1J MEANWELL-GS18B07-P1J Datasheet
175Kb / 2P
15~18WAC-DC Single Output Desktop
More results

Similar Description - GS18B

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
ES18A MEANWELL-ES18A Datasheet
167Kb / 2P
9~18WAC-DC Single Output Desktop
ES18B MEANWELL-ES18B Datasheet
167Kb / 2P
9~18WAC-DC Single Output Desktop
ES18C MEANWELL-ES18C Datasheet
162Kb / 2P
9~18WAC-DC Single Output Desktop
GS18A MEANWELL-GS18A Datasheet
119Kb / 2P
10~18WAC-DC Single Output Desktop
GS18E MEANWELL-GS18E Datasheet
110Kb / 2P
10~18WAC-DC Single Output Wall-mounted type
GS18U MEANWELL-GS18U Datasheet
100Kb / 2P
10~18WAC-DC Single Output Wall-mounted type
GS18A MEANWELL-GS18A_11 Datasheet
175Kb / 2P
15~18WAC-DC Single Output Desktop
GS18B MEANWELL-GS18B_11 Datasheet
175Kb / 2P
15~18WAC-DC Single Output Desktop
GS18E MEANWELL-GS18E_11 Datasheet
158Kb / 2P
15~18WAC-DC Single Output Wall-mounted type
GA18A MEANWELL-GA18A_12 Datasheet
193Kb / 2P
15~18WAC-DC Single Output Desktop
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com