Electronic Components Datasheet Search
  English  ▼

X  

PM3DJS Datasheet(PDF) 1 Page - MTRONPTI

Part # PM3DJS
Description  Surface Mount Crystals 5.0 x 7.0 x 1.3 mm
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MTRONPTI [MTRONPTI]
Direct Link  http://www.mtronpti.com
Logo MTRONPTI - MTRONPTI

PM3DJS Datasheet(HTML) 1 Page - MTRONPTI

  PM3DJS Datasheet HTML 1Page - MTRONPTI PM3DJS Datasheet HTML 2Page - MTRONPTI  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MtronPTI reserves the right to make changes to the product(s) and service(s) described herein without notice. No liability is assumed as a result of their use or application.
Please see www.mtronpti.com for our complete offering and detailed datasheets. Contact us for your application specific requirements: MtronPTI 1-800-762-8800.
PM Surface Mount Crystals
5.0 x 7.0 x 1.3 mm
A = Available
S = Standard
N = Not Available
Available Stabilities vs. Temperature
Revision: 5-12-08
DENOTES PIN 1


Similar Part No. - PM3DJS

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
PM3DJS MTRONPTI-PM3DJS Datasheet
276Kb / 2P
Surface Mount Crystals
More results

Similar Description - PM3DJS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SX2050 ETC1-SX2050 Datasheet
97Kb / 1P
SX2050 Surface Mount Crystals 5.0 X 13.0 X 4.2 mm
logo
MTRONPTI
PMX MTRONPTI-PMX Datasheet
209Kb / 1P
5.0 x 7.0 x 1.2 mm
M2032 MTRONPTI-M2032 Datasheet
318Kb / 1P
3.2 x 5.0 x 1.3 mm HCMOS Compatible Surface Mount Oscillators
M2032_0611 MTRONPTI-M2032_0611 Datasheet
288Kb / 2P
3.2 x 5.0 x 1.3 mm HCMOS Compatible Surface Mount Oscillators
M2035 MTRONPTI-M2035 Datasheet
260Kb / 2P
5.0 x 7.0 x 1.4 mm, HCMOS Compatible Surface Mount Oscillators
logo
List of Unclassifed Man...
C85F ETC2-C85F Datasheet
87Kb / 4P
7.0 mm x 5.0 mm XO
logo
MTRONPTI
M2032 MTRONPTI-M2032_08 Datasheet
368Kb / 2P
3.2 x 5.0 x 1.3 mm HCMOS Compatible Surface Mount Oscillators
M2030 MTRONPTI-M2030 Datasheet
714Kb / 2P
3.2 x 5.0 x 1.3 mm, HCMOS Compatible, Surface Mount Oscillators
logo
Rakon Limited
QEN101 RAKON-QEN101 Datasheet
458Kb / 4P
7.0 x 5.0 mm, SMD
05 December 2022
logo
Xtaltq Technologies Co....
BS0507A XTALTQ-BS0507A Datasheet
253Kb / 2P
Typical 7.0 x 5.0 x 1.3 mm ceramic SMD package
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com