Electronic Components Datasheet Search
  English  ▼

X  

GS25B Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # GS25B
Description  20~25WAC-DC Single Output Desktop
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

GS25B Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  GS25B Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. GS25B Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Universal AC input / Full range
No load power consumption<0.5W
Pass energy star(CEC) level
regulation
Meet EISA 2007 (Energy Independence and Security Act)
2 pole AC Inlet IEC320-C8
Class
power (without earth pin)
Full output 5~48V safety approval
Protections: Short circuit / Overload / Over voltage
Fully enclosed plastic case
LED indicator for power on
Approvals: UL / CUL / TUV / BSMI / CB / FCC / CE
Pass LPS for 9~48V output
2 years warranty
SPECIFICATION
GS25B05-P1J GS25B07-P1J GS25B09-P1J GS25B12-P1J GS25B15-P1J GS25B18-P1J GS25B24-P1J GS25B28-P1J GS25B48-P1J
ORDERNO.
SAFETY MODEL NO.
DCVOLTAGE
Note.2
RATEDCURRENT
CURRENTRANGE
RATEDPOWER (max.)
RIPPLE&NOISE(max.) Note.3
OUTPUT
SETUP,RISE,HOLDUP TIME
VOLTAGERANGE
FREQUENCY RANGE
EFFICIENCY (Typ.)
ACCURRENT
INPUT
ENVIRONMENT
INRUSHCURRENT(max.)
LEAKAGECURRENT(max.)
SAFETY STANDARDS
SAFETY &
EMC
(Note.7)
WORKINGTEMP.
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
PROTECTION
5V
GS25B05
7.5V
GS25B07
9V
GS25B09
12V
GS25B12
15V
GS25B15
18V
GS25B18
24V
GS25B24
28V
GS25B28
48V
GS25B48
4.0A
2.93A
2.77A
2.08A
1.66A
1.38A
1.04A
0.89A
0.52A
0~4.0A
0~2.93A
0~2.77A
0~2.08A
0~1.66A
0~1.38A
0~1.04A
0~0.89A
0~0.52A
50mVp-p
80mVp-p
80mVp-p
80mVp-p
100mVp-p
150mVp-p
180mVp-p
240mVp-p
240mVp-p
VOLTAGETOLERANCE Note.4
LINEREGULATION
Note.5
LOADREGULATION
Note.6
5.0%
5.0%
5.0%
3.0%
3.0%
3.0%
2.0%
2.0%
2.0%
1.0%
1.0%
1.0%
1.0%
1.0%
1.0%
1.0%
2.0%
1.0%
2.0%
1.0%
2.0%
5.0%
5.0%
5.0%
3.0%
3.0%
3.0%
500ms,20ms,50ms/230VAC500ms,20ms,15ms/115VACatfullload
90~264VAC135~370VDC
47~63Hz
74%
78%
79%
81%
82%
82%
83%
83%
84%
0.7A/100VAC
45A/230VAC
0.25mA /240VAC
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
I/P-O/P:4242VDC
500Khrsmin.MIL-HDBK-217F(25
)
0~+50
(Refertooutputloadderatingcurve)
20%~90%RHnon-condensing
-20~+85
,10~95%RH
0.03%/
(0~50
)
10~500Hz,2G10min./1cycle,periodfor60min. eachalongX, Y,Zaxes
79*54*33mm(L*W*H)
210g;60pcs/13.5Kg/CARTON
CONNECTOR
PLUG
CABLE
Standardtype
forstock
thertypeavailablebycustomerrequested
P1J:2.1
*5.5
*11mm,turningforktype,centrepositive
;O
Standardtype
4FT onlyfor5Voutput forstock
thertypeavailablebycustomerrequested
UL11856ft(
)
;O
20W
22W
25W
25W
25W
25W
25W
25W
25W
1.All parameters are specified at 230VAC input, rated load, 25
70% RH ambient.
2.DC voltage: The output voltage set at point measure by plug terminal & 50% load.
3.Ripple & noise are measured at 20MHz by using a 12" twisted pair terminated with a 0.1uf & 47uf capacitor.
4.Tolerance: includes set up tolerance, line regulation, load regulation.
5.Line regulation is measured from low line to high line at rated load.
6.Load regulation is measured from 20% to 100% rated load
7.The power supply is considered a component which will be installed into a final equipment. The final equipment must be re-confirmed that it still meets
EMC directives.
Features :
CompliancetoEN61000-3-2,3
CompliancetoEN61000-4-2,3,4,5,6,8,11,lightindustrylevel,criteria A
HARMONICCURRENT
EMSIMMUNITY
EMICONDUCTION&RADIATION
OVERLOAD
OVERVOLTAGE
110~150% ratedoutputpower
Protectiontype:Hiccupmode,recoversautomaticallyafterfaultconditionisremoved
105~135%ratedoutputvoltage
Protectiontype:Clampbyzenerdiode
20~25W AC-DCSingleOutputDesktop
G S 2 5 B series
FileName:GS25B-SPEC 2008-05-08
UL60950-1,CSA C22.2, TUVEN60950-1,BSMICNS14336approved
I/P-O/P:100MOhms/500VDC/ 25
/70%RH
CompliancetoEN55022classB,FCCPART 15/CISPR22classB,CNS13438classB
TUV
Rheinland
ProductSafety
geprUfre
Sicherheit


Similar Part No. - GS25B

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
GS25B MEANWELL-GS25B Datasheet
175Kb / 2P
20~25WAC-DC Single Output Desktop
GS25B05 MEANWELL-GS25B05 Datasheet
175Kb / 2P
20~25WAC-DC Single Output Desktop
GS25B05-P1J MEANWELL-GS25B05-P1J Datasheet
175Kb / 2P
20~25WAC-DC Single Output Desktop
GS25B07 MEANWELL-GS25B07 Datasheet
175Kb / 2P
20~25WAC-DC Single Output Desktop
GS25B07-P1J MEANWELL-GS25B07-P1J Datasheet
175Kb / 2P
20~25WAC-DC Single Output Desktop
More results

Similar Description - GS25B

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
ES25A MEANWELL-ES25A Datasheet
167Kb / 2P
20~25WAC-DC Single Output Desktop
ES25B MEANWELL-ES25B Datasheet
175Kb / 2P
20~25WAC-DC Single Output Desktop
ES25C MEANWELL-ES25C Datasheet
188Kb / 2P
20~25WAC-DC Single Output Desktop
GS25A MEANWELL-GS25A Datasheet
120Kb / 2P
20~25WAC-DC Single Output Desktop
GS25A MEANWELL-GS25A_11 Datasheet
176Kb / 2P
20~25WAC-DC Single Output Desktop
GS25B MEANWELL-GS25B_11 Datasheet
175Kb / 2P
20~25WAC-DC Single Output Desktop
P25A-T MEANWELL-P25A-T Datasheet
162Kb / 2P
25WAC-DC Triple Output Desktop
P25B-T MEANWELL-P25B-T Datasheet
157Kb / 2P
25WAC-DC Triple Output Desktop
P25B-T MEANWELL-P25B-T_07 Datasheet
157Kb / 2P
25WAC-DC Triple Output Desktop
GS25A MEANWELL-GS25A_12 Datasheet
194Kb / 2P
20~25WAC-DC Single Output Desktop
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com