Electronic Components Datasheet Search
  English  ▼

X  

ASJ-40 Datasheet(PDF) 3 Page - Adam Technologies, Inc.

Part # ASJ-40
Description  3.5mm AUDIO JACKS STEREO & MONO EARPHONE JACKS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAM-TECH [Adam Technologies, Inc.]
Direct Link  http://www.adam-tech.com
Logo ADAM-TECH - Adam Technologies, Inc.

ASJ-40 Datasheet(HTML) 3 Page - Adam Technologies, Inc.

  ASJ-40 Datasheet HTML 1Page - Adam Technologies, Inc. ASJ-40 Datasheet HTML 2Page - Adam Technologies, Inc. ASJ-40 Datasheet HTML 3Page - Adam Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Adam Technologies, Inc.
909 Rahway Avenue • Union, New Jersey 07083 • T: 908-687-5000 • F: 908-687-5710 • WWW.ADAM-TECH.COM
207
øY
X
1.389 [35.30]
1.389 [35.30]
X
øY
MONO AUDIO PLUG
STEREO AUDIO PLUG
ASP-2.5-S-SR
ASP-3.5-S-SR
.468 [11.90]
.590 [15.00]
X
Y
ø.098 [2.50]
ø.137 [3.50]
PART No.
ASP-3.5-M-SR
ASP-2.5-M-SR
PART No.
ø.098 [2.50]
ø.137 [3.50]
.590 [15.00]
.468 [11.90]
X
Y
.197
[5.00]
ø.102
[2.60]
.453
[11.50]
.276
[7.00]
ø.157
[4.00]
.067
[1.70]
.173
[4.40]
.059
[1.50]
.276
[7.00]
.427 [10.85]
.197 [5.00]
.091 [2.30]
.067
[1.70]
.031
[0.80]
.197
[5.00]
ø.157
[4.00]
ø.039
[1.00]
.472 [12.00]
.157
[4.00]
.059
[1.50]
.098
[2.50]
.295 [7.50]
.453 [11.50]
.340
[8.60]
.157
[4.00]
.299
[7.60]
.079 [2.00]
ø.047
[1.20]
.291
[7.40]
.252
[6.40]
ø.102
[2.60]
.035
[0.90]
.110 [2.80]
.354
[9.00]
.158 [4.00]
.394
[10.00]
.157
[4.00]
.295
[7.50]
ø.157
[4.00]
.197
[5.00]
.197
[5.00]
.157
[4.00]
.295
[7.50]
.295
[7.00]
.216
[5.50]
.236
[6.00]
.531 [13.50]
ø.102
[2.60]
2.6mm AUDIO JACKS
STEREO & MONO EARPHONE JACKS
ASJ SERIES
Recommended Solder Pad Layout
Recommended Solder Pad Layout
Mono Audio Plug
Stereo Audio Plug
ASJ-38
ASJ-18
ASJ-18-4B
ASJ-38-5
ASJ-12
Recommended Solder Pad Layout
ASJ-12-5



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com