Electronic Components Datasheet Search
  English  ▼

X  

LR645N5 Datasheet(PDF) 4 Page - Supertex, Inc

Part # LR645N5
Description  High Input Voltage SMPS Start-up / Linear Regulator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

LR645N5 Datasheet(HTML) 4 Page - Supertex, Inc

  LR645N5 Datasheet HTML 1Page - Supertex, Inc LR645N5 Datasheet HTML 2Page - Supertex, Inc LR645N5 Datasheet HTML 3Page - Supertex, Inc LR645N5 Datasheet HTML 4Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
Power Dissipation Considerations
The LR6 is a true linear regulator. Its power dissipation is
therefore a function of input voltage and output load current. For
example, if the LR6 is providing a continuous load current of 3mA
at 10V while its input voltage is 400V, total dissipation in the LR6
will be:
LR6:Off Line Linear Regulator
Circuits requiring low voltages to operate logic and analog
circuits benefit from the LR6. The conventional use of step down
transformers can be eliminated thereby saving space and cost.
Some examples of these applications are proximity controlled
light switches, street lamp control, and low voltage power supplies
for appliances such as washing machines, dishwashers, and
refrigerators.
The wide operating input voltage range of 15V to 450V as well as
the ripple rejection ratio of 50dB minimum allow the use of small
high voltage input capacitor. The input AC line can be either full-
wave or half-wave rectified. A minimum output capacitance of
0.01
µF is recommended for output stability.
Figure 3 shows the LR6 as a pre-regulator to a precision
regulator for high precision regulation. Higher output current is
also possible by using an external depletion-mode MOSFET
DN2540N5 as shown in Figure 4.
LR645
LR6
Max
875
ACSA
5.000V
± .002V @
0 to 3mA
AC Line
(24 to
277VAC)
1
µF
.01
µF
COUT
CIN
Figure 3: Cascading for Precision
12
10
8
2.5
3.0
4.0
3.5
Resistor Ratio, R2/R1
R1 + R2 = 250K
Ω
Figure 5:
Typical Output Voltage vs. Resistor Ratio
AC Line
(24 to
277VAC)
5.0V
0 to
150mA
5.0V
Reg
+
–
COUT
CIN
VOUT
Gate
DN2540N5
GND
LR645LG
Figure 4:
High Current
Regulator
PDISS
=(VIN - VOUT) x (IOUT + IMAX QUIESCENT)
=
(400V - 10V) x (3.0mA + 150
µA)
=
1.23 Watts
The 1.23 watts is for continuous operation. This is within the
dissipation capabilities of the TO-220 and SOT-89 packages.
See Page 14-2, thermal characteristics, for deratings.
For SMPS start-up applications, the output current is usually
required only during start-up. This duration depends upon the
auxiliary supply output capacitor and COUT but is typically a few
hundred milliseconds.
All package types of the LR6 have been characterized for use
with a C
OUT of at least 10µF , and an AC line of 277V.
1235 Bordeaux Drive, Sunnyvale, CA 94089
TEL: (408) 744-0100 • FAX: (408) 222-4895
www.supertex.com
11/12/01
©2001 Supertex Inc. All rights reserved. Unauthorized use or reproduction prohibited.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com