Electronic Components Datasheet Search
  English  ▼

X  

SR036 Datasheet(PDF) 5 Page - Supertex, Inc

Part # SR036
Description  Inductorless, Dual Output Off-Line Regulators
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

SR036 Datasheet(HTML) 5 Page - Supertex, Inc

  SR036 Datasheet HTML 1Page - Supertex, Inc SR036 Datasheet HTML 2Page - Supertex, Inc SR036 Datasheet HTML 3Page - Supertex, Inc SR036 Datasheet HTML 4Page - Supertex, Inc SR036 Datasheet HTML 5Page - Supertex, Inc SR036 Datasheet HTML 6Page - Supertex, Inc SR036 Datasheet HTML 7Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
SR036/SR037
Applications Information, continued
220
µF
1
µF
SR036
or SR037
VN2460N8
VUNREG
HV
IN
GND
Gate
Source
V
OUT
VREG
IOUT typical 40mA
(
IUNREG + IREG)
Fuse
120VAC
or
240VAC
Figure 2: Example Circuit with Enable Control
1K
Ω
TN2106K1
ON/OFF
Figure 3: Generating Two Regulated Voltages
220
µF
1
µF
SR036
VN2460N8
1
µF
1M
Ω
Vz
5.6V
Vout1=5.0V
Vout2=3.3V
10K
Ω
120VAC
or
240VAC
Fuse
2N3904
HV
IN
GND
Gate
Source
V
OUT
Figure 2 is an example circuit using the SR036 or SR037 along
with a Supertex VN2460N8 MOSFET to generate an unregu-
lated voltage of approximately 18V and a regulated voltage of
3.3V for the SR036 or 5.0V for the SR037. The combined total
output current is typically 40mA. The TN2106K1 in series with a
1KΩ resistor can be added for applications requiring an enable
control.
For applications requiring two regulated voltages, an inexpen-
sive discrete linear regulator can be added to regulate the
unregulated output as show in Figure 3. The discrete linear
regulator consists of a Zener diode, a resistor and a bipolar
transistor. The regulated voltage, Vout1, is determined by the
Zener diode voltage minus the base-to-emitter voltage drop of
0.6V. Figure 3 uses a 5.6V Zener diode to obtain a 5.0V output.
Different Zener diode voltages can be used to obtain different
regulated output voltages.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com