Electronic Components Datasheet Search
  English  ▼

X  

BS-3 Datasheet(PDF) 1 Page - Adam Technologies, Inc.

Part # BS-3
Description  BATTERY SNAPS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAM-TECH [Adam Technologies, Inc.]
Direct Link  http://www.adam-tech.com
Logo ADAM-TECH - Adam Technologies, Inc.

BS-3 Datasheet(HTML) 1 Page - Adam Technologies, Inc.

  BS-3 Datasheet HTML 1Page - Adam Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Adam Technologies, Inc.
909 Rahway Avenue • Union, New Jersey 07083 • T: 908-687-5000 • F: 908-687-5710 • WWW.ADAM-TECH.COM
363
BATTERY SNAPS
BH SERIES
26 AWG
26 AWG
.508
[12.9]
.531
[13.5]
1.10
[28.0]
5.90
[150.0]
.157 [4.0]
STRIPPED
.157 [4.0]
STRIPPED
5.90
[150.0]
.157 [4.0]
STRIPPED
5.90
[150.0]
.157 [4.0]
STRIPPED
5.90
[150.0]
.157 [4.0]
STRIPPED
5.90
[150.0]
.157 [4.0]
STRIPPED
5.90
[150.0]
1.02
[26.0]
.508
[12.9]
1.02
[26.0]
.508
[12.9]
.512
[12.9]
.508
[12.9]
1.02 [26.0]
.708
[18.0]
.508
[12.9]
.531
[13.5]
.315
[8.0]
1.06
[27.0]
.315
[8.0]
.508
[12.9]
1.02 [26.0]
.512
[13.0]
RIGID
PVC
RIGID
PVC
SOFT
PVC
SOFT
PVC
SOFT
PVC
SOFT
PVC
26 AWG
26 AWG
26 AWG
26 AWG
BS-2
BS-4
BS-6
BS-1
BS-3
BS-5


Similar Part No. - BS-3

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
BS-3-1 ADAM-TECH-BS-3-1 Datasheet
73Kb / 1P
BATTERY SNAP
logo
Molex Electronics Ltd.
BS-304 MOLEX4-BS-304 Datasheet
100Kb / 2P
VersaKrimp??Parallel Splice for 14-16 AWG Wire
BS-304 MOLEX-BS-304 Datasheet
28Kb / 1P
Splices
10/17/2018
logo
ASM GmbH
BS-30T ASM-SENSOR-BS-30T Datasheet
137Kb / 2P
Infrarot-Temperatursensoren
logo
3M Electronics
BS-32-8 3M-BS-32-8 Datasheet
14Mb / 91P
Terminals, Kits and Tools
More results

Similar Description - BS-3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
121-0426 ETC2-121-0426 Datasheet
134Kb / 1P
I Type Battery Snaps
12BC261-GR ETC2-12BC261-GR Datasheet
190Kb / 1P
Mini Battery Snaps
12BC309-GR ETC2-12BC309-GR Datasheet
79Kb / 1P
Battery Snaps
12BC2102-GR ETC2-12BC2102-GR Datasheet
133Kb / 2P
9V Battery Snaps PCB Mount
121-0426I-GR ETC2-121-0426I-GR Datasheet
139Kb / 1P
I Type Battery Snaps
121-0426O-GR ETC2-121-0426O-GR Datasheet
86Kb / 2P
O Type Battery Snaps
121-0426T-GR ETC2-121-0426T-GR Datasheet
39Kb / 1P
T Type Battery Snaps
123-5004-GR ETC2-123-5004-GR Datasheet
136Kb / 1P
Battery Snaps
123-5114-GR ETC2-123-5114-GR Datasheet
132Kb / 2P
Battery Snaps
123-6004-GR ETC2-123-6004-GR Datasheet
151Kb / 1P
Battery Snaps
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com