Electronic Components Datasheet Search
  English  ▼

X  

LR645ND Datasheet(PDF) 1 Page - Supertex, Inc

Part # LR645ND
Description  High Input Voltage SMPS Start-up / Linear Regulator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

LR645ND Datasheet(HTML) 1 Page - Supertex, Inc

  LR645ND Datasheet HTML 1Page - Supertex, Inc LR645ND Datasheet HTML 2Page - Supertex, Inc LR645ND Datasheet HTML 3Page - Supertex, Inc LR645ND Datasheet HTML 4Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
LR645
General Description
The Supertex LR6 is a high input voltage, low output current
linear regulator. It has a 3-terminal fixed output voltage version
available in TO-92, TO-220 and SOT-89 packages as well as an
adjustable voltage version available in 8 pin SOIC package. The
3-terminal version functions like any other low voltage 3-terminal
regulator except it allows the use of much higher input voltages.
When used in a SMPS start-up circuit, it eliminates the need for
large power resistors. In this application, current is drawn from
the high voltage line only during start-up. Only leakage current
flows after start-up thereby reducing the continuous power
dissipation to a few milliwatts.
The adjustable voltage version allows trimming of the output
voltage from 8V to 12V.This version can also be connected to an
external depletion mode MOSFET for increased output current.
When used in conjunction with Supertex depletion mode MOSFET
DN2540N5, up to a 150mA is achieved.
Max. Input Voltage
TO-92
TO-243AA*
TO-220
SO-8
Die
450V
LR645N3
LR645N8
LR645N5
LR645LG LR645ND
*Same as SOT-89. Product supplied on 2000 piece carrier tape reels.
Ordering Information
Features
❏ Accepts inputs from 15V to 450V
❏ Compatible with industry standard PWM ICs.
See application note AN-H28.
❏ Output currents up to 3mA continuous, 30mA peak
❏ Supply current typically 50µA
❏ Line regulation typically 0.1mV/V
❏ Output can be trimmed from 8.0V to 12V
❏ Output current can be increased to 150mA with external FET
High Input Voltage
SMPS Start-up / Linear Regulator
(continued on page 14-3)
Absolute Maximum Ratings
Input Voltage
450V
Output Voltage
15.5V
Operating and Storage Temperature
–55
°C to +150°C
Soldering Temperature*
300
°C
*Distance of 1.6mm from case for 10 seconds
Applications
❏ Off-line SMPS startup circuits (pulse loads)
❏ Low power off-line regulators
❏ Regulators for noisy inputs
Pin Configuration
+V
IN
GND
V
OUT
Trim
Gate
TO-92
1
2
3
—
—
TO-243AA
1
2, TAB
3
—
—
TO-220
1
2, TAB
3
—
—
P-DIP
13457
SO-8
5
4
3
2
1
TO-243AA
(SOT-89)
3
2
1
TAB
1 2 3
TO-92
1
2 3
TO-220
TAB
Caution
The LR6 does NOT provide galvanic isolation. When
operated from an AC line, potentially lethal voltages can be
present on the IC. Adequate means of protecting the end
user from such voltages must be provided by the circuit
developer.
For detailed circuit and application information, please refer
to application note AN-H28.
Order Number / Package
Product marking for TO-243AA:
LR6
❋
where
❋ = 2-week alpha date code
11/12/01
Supertex Inc. does not recommend the use of its products in life support applications and will not knowingly sell its products for use in such applications unless it receives an adequate "products liability
indemnification insurance agreement." Supertex does not assume responsibility for use of devices described and limits its liability to the replacement of devices determined to be defective due to
workmanship. No responsibility is assumed for possible omissions or inaccuracies. Circuitry and specifications are subject to change without notice. For the latest product specifications, refer to the
Supertex website: http://www.supertex.com. For complete liability information on all Supertex products, refer to the most current databook or to the Legal/Disclaimer page on the Supertex website.


Similar Part No. - LR645ND

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
LR645N3 SUTEX-LR645N3 Datasheet
812Kb / 9P
High Input Voltage SMPS Start-up / Linear Regulator
LR645N3-G SUTEX-LR645N3-G Datasheet
812Kb / 9P
High Input Voltage SMPS Start-up / Linear Regulator
LR645N5 SUTEX-LR645N5 Datasheet
812Kb / 9P
High Input Voltage SMPS Start-up / Linear Regulator
LR645N5-G SUTEX-LR645N5-G Datasheet
812Kb / 9P
High Input Voltage SMPS Start-up / Linear Regulator
LR645N8 SUTEX-LR645N8 Datasheet
812Kb / 9P
High Input Voltage SMPS Start-up / Linear Regulator
More results

Similar Description - LR645ND

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
LR745 SUTEX-LR745 Datasheet
327Kb / 5P
High Input Voltage SMPS Start-up Circuit
LR645 SUTEX-LR645_07 Datasheet
812Kb / 9P
High Input Voltage SMPS Start-up / Linear Regulator
logo
List of Unclassifed Man...
TS31023 ETC2-TS31023 Datasheet
1Mb / 16P
High Input Voltage Linear Regulator
TS31223 ETC2-TS31223 Datasheet
1Mb / 16P
High Input Voltage Linear Regulator
logo
Supertex, Inc
LR745N8-G SUTEX-LR745N8-G Datasheet
558Kb / 7P
High Input Voltage SMPS Start-up
LR745N3-G SUTEX-LR745N3-G Datasheet
558Kb / 7P
High Input Voltage SMPS Start-up
logo
Lowpower Semiconductor ...
LP6205S POWER-LP6205S Datasheet
364Kb / 5P
1.3V Start-up Input Voltage
logo
Semtech Corporation
TS31023 SEMTECH-TS31023 Datasheet
2Mb / 15P
High Input Voltage Linear Regulator
logo
Microchip Technology
LR745 MICROCHIP-LR745 Datasheet
333Kb / 15P
High-Input Voltage SMPS Start-up
01/27/15
logo
Infineon Technologies A...
IRS25751LPBF INFINEON-IRS25751LPBF Datasheet
610Kb / 13P
High-Voltage Start-Up IC
January 15, 2015
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com