Electronic Components Datasheet Search
  English  ▼

X  

TC2320 Datasheet(PDF) 3 Page - Supertex, Inc

Part # TC2320
Description  N- and P- Channel Enhancement-Mode Dual MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

TC2320 Datasheet(HTML) 3 Page - Supertex, Inc

  TC2320 Datasheet HTML 1Page - Supertex, Inc TC2320 Datasheet HTML 2Page - Supertex, Inc TC2320 Datasheet HTML 3Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
TC2320
Switching Waveforms and Test Circuit
Symbol
Parameter
Min
Typ
Max
Unit
Conditions
BVDSS
Drain-to-Source Breakdown Voltage
-200
V
VGS = 0V, ID = -2mA
VGS(th)
Gate Threshold Voltage
-1.0
-2.4
V
VGS = VDS, ID= -1mA
∆VGS(th)
Change in V
GS(th) with Temperature
4.5
mV/°CVGS = VDS, ID= -1mA
IGSS
Gate Body Leakage
-100
nA
VGS = ± 20V, VDS = 0V
IDSS
Zero Gate Voltage Drain Current
-10
µAVGS = 0V, VDS = Max Rating
-1.0
mA
V
GS = 0V, VDS = 0.8 Max Rating
TA = 125°C
I
D(ON)
ON-State Drain Current
-0.25
-0.7
V
GS = -4.5V, VDS = -25V
-0.75
-2.1
VGS = -10V, VDS = -25V
RDS(ON)
10
15
Ω
VGS = -4.5V, ID = -100mA
8.0
12
V
GS = -10V, ID = -200mA
∆RDS(ON)
Change in RDS(ON) with Temperature
1.7
%/°CVGS = -10V, ID = -200mA
GFS
Forward Transconductance
100
250
m
VDS = -25V, ID = -200mA
C
ISS
Input Capacitance
75
125
COSS
Common Source Output Capacitance
20
85
pF
CRSS
Reverse Transfer Capacitance
10
35
t
d(ON)
Turn-ON Delay Time
10
tr
Rise Time
15
td(OFF)
Turn-OFF Delay Time
20
t
f
Fall Time
15
VSD
Diode Forward Voltage Drop
-1.8
V
VGS = 0V, ISD = -0.5A
t
rr
Reverse Recovery Time
300
ns
V
GS = 0V, ISD = -0.5A
Notes:
1.All D.C. parameters 100% tested at 25°C unless otherwise stated. (Pulse test: 300µs pulse, 2% duty cycle.)
2.All A.C. parameters sample tested.
P-Channel Electrical Characteristics (@ 25°C unless otherwise specified)
A
Static Drain-to-Source
ON-State Resistance
VGS = 0V, VDS = -25V
f = 1 MHz
ns
1235 Bordeaux Drive, Sunnyvale, CA 94089
TEL: (408) 744-0100 • FAX: (408) 222-4895
www.supertex.com
03/23/02
©2002 Supertex Inc. All rights reserved. Unauthorized use or reproduction prohibited.
90%
10%
90%
90%
10%
10%
PULSE
GENERATOR
V
DD
R
L
OUTPUT
D.U.T.
t
(ON)
t
d(ON)
t
(OFF)
t
d(OFF)
t
F
t
r
INPUT
INPUT
OUTPUT
0V
V
DD
R
gen
0V
-10V



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com