Electronic Components Datasheet Search
  English  ▼

X  

MES30B Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # MES30B
Description  16.5~30WAC-DC Single Output and Medical Type Desktop
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

MES30B Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  MES30B Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. MES30B Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
U S P - 2 2 5 series
U S P - 2 2 5 series
MechanicalSpecification
DeratingCurve
FileName:MES30B-SPEC 2008-05-08
Unit:mm
Plug Assignment
69.9
RUBBERFOOTX4
NAMEPLATE
18
R1
3
POWERLED
106
108
36
Standardplug:P1J(option)
ID2.1xOD5.5
11
C"+"
100 10mm
Ta(
)
0
15
30
45
60
70
50
100
StaticCharacteristics
INPUTVOLTAGE
0
50
60
70
60
100
260
80
90
100
80
M E S 3 0 B series
16.5~30W AC-DCSingleOutputandMedical TypeDesktop
UL 118518AWG6ftforothers
SPT-216AWG4ftfor3.3V,5V,7.5V
P/N
OUTPUT
P1J
CENTER
+
40



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com