Electronic Components Datasheet Search
  English  ▼

X  

TN2425N8 Datasheet(PDF) 3 Page - Supertex, Inc

Part # TN2425N8
Description  N-Channel Enhancement-Mode Vertical DMOS FETs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

TN2425N8 Datasheet(HTML) 3 Page - Supertex, Inc

  TN2425N8 Datasheet HTML 1Page - Supertex, Inc TN2425N8 Datasheet HTML 2Page - Supertex, Inc TN2425N8 Datasheet HTML 3Page - Supertex, Inc TN2425N8 Datasheet HTML 4Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
TN2425
Typical Performance Curves
0.0
0.5
1.0
1.5
2.0
0.0
0.2
0.4
0.6
0.8
1.0
VDS (Volts)
VGS = 10V
Output Characteristics
6V
5V
4V
3V
2.5V
Saturation Characteristics
VDS (Volts)
VGS = 10V
8V
6V
4V
3V
2.5V
ID (Amperes)
Transconductance vs. Drain Current
Power Dissipation vs. Case Temperature
TC (°C)
Maximum Rated Safe Operating Area
VDS (Volts)
Thermal Response Characteristics
tp (seconds)
010
20
304050
0
1
2
3
4
5
8V
02468
10
0.0
0.5
1.0
1.5
2.0
2.5
3.0
5V
025
50
75
100
125
150
0.0
0.5
1.0
1.5
2.0
1
1000
100
10
10
1.0
0.1
0.01
0.001
TO-243AA (DC)
TO-243AA (pulsed)
1.0
0.8
0.6
0.4
0.2
0.001
10
0.01
0.1
1.0
TO-243AA
PD = 1.6W
TC = 25°C
0
VDS=15V
TA=125°C
TA=25°C
TA=-55°C
TO-243AA
TA=25°C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com