Electronic Components Datasheet Search
  English  ▼

X  

PB-360 Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # PB-360
Description  360W Single Output Battery Charger
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

PB-360 Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  PB-360 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. PB-360 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MechanicalSpecification
ChargingCurve
FileName:PB-360-SPEC2008-11-11
CaseNo.801A
Unit:mm
State
Vboost
14.4V
PB-360-12
28.8V
PB-360-24
VFLT
13.6V
27.2V
ChargeCurrent
ConstantCurrent
stage1
stage2
stage3
ConstantVoltage
Start
ChargeVoltage
VFLT
100%
Red
Green
LEDCOLOR
boost
V
OutputLoadVSTemperature
40
50
60
70
30
20
10
-20
90
100
80
70
60
40
30
Airflow
direction
48.5
-V
54
127
5.5
+V
235
253
12
PWM
CIRCUIT
DETECTION
O.L.P.
EMI
FILTER
RECTIFIERS
&
PASSIVEP.F.C.
POWER
SWITCHING
FILTER
PROTECTION
&
REVERSE
RECTIFIERS
POLARITY
+V
-V
I/P
FG
CONTROL
O.V.P.
FANON/OFF
CONTROL
O.C.P.
AMBIENTTEMPERATURE(
)
Assignment
PIN1,2Open:Normalwork
PIN1,2Short:StopCharging
MatingHousing
JST XHP
JST SXH-001T-P0.6
orequivalent
orequivalent
Terminal
RemoteControl(CN5):JST B2B-XHorequivalent
BlockDiagram
360WSingleOutputBatteryCharger
PB-360 series
fosc:70KHz
57.6V
PB-360-48
54.4V



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com