Electronic Components Datasheet Search
  English  ▼

X  

PD-45B Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # PD-45B
Description  45W Dual Output Switching Power Supply
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

PD-45B Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  PD-45B Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. PD-45B Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FileName:PD-45-SPEC 2007-03-14
Unit:mm
fosc:65KHz
DCOutputConnector(CN2):Molex5273-06orequivalent
PinNo.
1
2,3
4,5
6
Assignment
+V
+5V
COM
NC
MatingHousing
Molex5195
orequivalent
Terminal
Molex5194
orequivalent
ACInputConnector(CN1):Molex5277-02orequivalent
PinNo.
1
2
Assignment
MatingHousing
Molex5195
Molex5194
orequivalent
orequivalent
Terminal
BlockDiagram
MechanicalSpecification
StaticCharacteristics(A)
AMBIENTTEMPERATURE(
)
(HORIZONTAL)
-10
0
10
20
30
40
50
60
20
40
60
80
100
INPUTVOLTAGE(V)60Hz
60
80
100
120
140
160
180
200
220
240
260
300
250
200
150
100
50
25
Ta=25
12
6
8
7
11
10
9
4.8
5.0
5.2
4.4
4.6
4.2
4.0
O.V.P.
CONTROL
ING
COM
+5V
RECTIFIERS
&
FILTER
SWITCH-
POWER
FILTER
&
RECTIFIERS
O.L.P.
DETECTION
CIRCUIT
PWM
FILTER
&
RECTIFIERS
+V
FG
I/P
FILTER
EMI
DeratingCurve
AC/N
AC/L
FG
5.6
2
1
5
6
115.8
127
CN1
CN2
4
3
2
1
M1
M2
ACFUSE
F4A/250V
P D - 4 5 series
45WDualOutputSwitchingPowerSupply
+12V
+5V
+12V
+5V



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com