Electronic Components Datasheet Search
  English  ▼

X  

IL358S Datasheet(PDF) 2 Page - IK Semicon Co., Ltd

Part # IL358S
Description  Low Power Dual Operational Amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IKSEMICON [IK Semicon Co., Ltd]
Direct Link  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd

IL358S Datasheet(HTML) 2 Page - IK Semicon Co., Ltd

  IL358S Datasheet HTML 1Page - IK Semicon Co., Ltd IL358S Datasheet HTML 2Page - IK Semicon Co., Ltd IL358S Datasheet HTML 3Page - IK Semicon Co., Ltd IL358S Datasheet HTML 4Page - IK Semicon Co., Ltd IL358S Datasheet HTML 5Page - IK Semicon Co., Ltd IL358S Datasheet HTML 6Page - IK Semicon Co., Ltd IL358S Datasheet HTML 7Page - IK Semicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
IL358
Rev. 01
MAXIMUM RATINGS
*
Symbol
Parameter
Value
Unit
VCC
Power Supply Voltages
Single Supply
Split Supplies
32
±16
V
VIDR
Input Differential Voltage Range (1)
±32
V
VICR
Input Common Mode Voltage Range
-0.3 to 32
V
ISC
Output Short Circuit Duration
Continuous
TJ
Junction Temperature
Plastic Packages
150
°C
Tstg
Storage Temperature
Plastic Packages
-55 to +125
°C
IIN
Input Current, per pin (2)
50
mA
TL
Lead Temperature, 1mm from Case for 10 Seconds
260
°C
*Maximum Ratings are those values beyond which damage to the device may occur.
Functional operation should be restricted to the Recommended Operating Conditions.
+Derating - Plastic DIP: - 10 mW/°C from 65° to 125°C
SOIC Package: : - 7 mW/°C from 65° to 125°C
Notes:
1. Split Power Supplies.
2. VIN<-0.3V. This input current will only exist when voltage at any of the input leads is driven negative.
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Max
Unit
VCC
DC Supply Voltage
±2.5 or
5.0
±15 or
30
V
TA
Operating Temperature, All Package Types
-40
+85
°C
This device contains protection circuitry to guard against damage due to high static voltages or electric fields.
However, precautions must be taken to avoid applications of any voltage higher than maximum rated voltages to this
high-impedance circuit. For proper operation, VIN and VOUT should be constrained to the range GND≤(VIN or
VOUT)≤VCC.
Unused inputs must always be tied to an appropriate logic voltage level (e.g., either GND or VCC). Unused
outputs must be left open.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com