Electronic Components Datasheet Search
  English  ▼

X  

TP0604 Datasheet(PDF) 3 Page - Supertex, Inc

Part # TP0604
Description  P-Channel Enhancement-Mode Vertical DMOS FETs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

TP0604 Datasheet(HTML) 3 Page - Supertex, Inc

  TP0604 Datasheet HTML 1Page - Supertex, Inc TP0604 Datasheet HTML 2Page - Supertex, Inc TP0604 Datasheet HTML 3Page - Supertex, Inc TP0604 Datasheet HTML 4Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
TP0604
Typical Performance Curves
Output Characteristics
-5
-4
-3
-2
-1
0
-10
-20
-30
-50
-40
-9V
-8V
-7V
-6V
-5V
-4V
Saturation Characteristics
-5
-4
-3
-2
-1
0-2
-4
-6
-10
-8
-5V
-7V
-4V
-6V
-8V
-9V
Maximum Rated Safe Operating Area
-0.1
-100
-10
-1
-0.1
-1.0
-10
TO-92 (DC)
TC=25°C
-0.01
VDS (volts)
VDS (volts)
VDS (volts)
Thermal Response Characteristics
1.0
0.8
0.6
0.4
0.2
0.001
10
0.01
0.1
1
tp (seconds)
Transconductance vs. Drain Current
1.0
0.8
0.6
0.4
0.2
0
0-1
-2
-3
ID (amperes)
Power Dissipation vs. Case Temperature
0
150
100
50
2.0
1.0
TO-92
125
75
25
TC (°C)
VDS = -25V
VGS = -10V
VGS = -10V
0
0
0
0
TO-92
PD =1W
TC =25°C
TA = -55°C
TA =25°C
TA = 150°C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com