Electronic Components Datasheet Search
  English  ▼

X  

IL7805 Datasheet(PDF) 8 Page - IK Semicon Co., Ltd

Part # IL7805
Description  POSITIVE VOLTAGE REGULATOR 3- TERMINAL 1A POSITIVE VOLTAGE REGULATORS IL78xx
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IKSEMICON [IK Semicon Co., Ltd]
Direct Link  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd

IL7805 Datasheet(HTML) 8 Page - IK Semicon Co., Ltd

Back Button IL7805 Datasheet HTML 4Page - IK Semicon Co., Ltd IL7805 Datasheet HTML 5Page - IK Semicon Co., Ltd IL7805 Datasheet HTML 6Page - IK Semicon Co., Ltd IL7805 Datasheet HTML 7Page - IK Semicon Co., Ltd IL7805 Datasheet HTML 8Page - IK Semicon Co., Ltd IL7805 Datasheet HTML 9Page - IK Semicon Co., Ltd IL7805 Datasheet HTML 10Page - IK Semicon Co., Ltd IL7805 Datasheet HTML 11Page - IK Semicon Co., Ltd IL7805 Datasheet HTML 12Page - IK Semicon Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
IL78XX
IL7812 ELECTRICAL CHARACTERISTICS
(Refer to test circuit, Tmin<Tj<Tmax, Io=500mA, VI=19V, Ci=0.33 ㎌, Co=0.1 ㎌, unless otherwise sprcified)
Characteristic
Symbol
Test condition
Min.
Typ.
Max.
Unit
Tj = 25
° C
11.5
12
12.5
Output Voltage
Vo
5.0mA ≤Io ≤1.0A, PD ≤15W
VI = 14.5V to 27V
VI = 15.5V to 27V
11.4
12
12.6
V
VI = 14.5V to 30V
10
240
Line Regulation
∆Vo
Tj =
25
° C
VI = 16V to 22V
3
120
Io = 5.0mA to 1.5A
11
240
Load Regulation
∆Vo
Tj =
25
° C
Io = 250mA to 750mA
5
120
mV
Quiescent current
Iq
Tj = 25
° C
5.1
8
mA
Io = 5mA to 1A
0.1
0.5
VI = 14.5V to 30V
0.5
1.0
Quiescent current
Change
∆Iq
VI = 15V to 30V
mA
Output voltage Drift
∆Vo/∆T
Io = 5mA
-1
mV/
° C
Output noise voltage
Vn
f = 10Hz to 100KHz, Ta = 25
° C
76
㎶
Ripple Rejection
RR
f = 120Hz, VI = 15V to 25V
55
71
dB
Dropout voltage
Vd
Io = 1A, Tj = 25
° C
2
V
Peak current
Ipk
Tj = 25
° C
2.2
A
Output Resistance
Ro
f = 1KHz
17
Short circuit current
Isc
Vi = 35V, Ta = 25
° C
230
mA
* Load and lone regulation are specified at constant junction temperature. Changes in Vo due to heating effects
must be taken into account separately. Pulse testing with low duty is used.
Rev. 02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com