Electronic Components Datasheet Search
  English  ▼

X  

TP2640ND Datasheet(PDF) 3 Page - Supertex, Inc

Part # TP2640ND
Description  P-Channel Enhancement-Mode Vertical DMOS FETs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

TP2640ND Datasheet(HTML) 3 Page - Supertex, Inc

  TP2640ND Datasheet HTML 1Page - Supertex, Inc TP2640ND Datasheet HTML 2Page - Supertex, Inc TP2640ND Datasheet HTML 3Page - Supertex, Inc TP2640ND Datasheet HTML 4Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
TP2635/TP2640
Typical Performance Curves
Output Characteristics
-2.0
-1.6
-1.2
-0.8
-0.4
0
VDS (volts)
Saturation Characteristics
VDS (volts)
Maximum Rated Safe Operating Area
-1
-1000
-100
-10
-10
-1.0
-0.1
-0.01
-0.001
VDS (volts)
Thermal Response Characteristics
1.0
0.8
0.6
0.4
0.2
0
0.001
10
0.01
0.1
1.0
tp (seconds)
Transconductance vs. Drain Current
1.0
0.8
0.6
0.4
0.2
0
0
-0.8
-0.4
ID (amperes)
Power Dissipation vs. Temperature
0
150
100
50
2.0
1.6
1.2
0.8
0.4
0
125
75
25
TC C)
°
(
TO-92
TC = 25°C
PD = 1.0W
SO-8
TO-92
TA = -55°C
VDS = -25V
0
-10
-20
-30
-50
-40
0-2
-4
-6
-10
-8
25°C
125°C
-1.2
-2.0
-1.6
-1.0
-0.8
-0.6
-0.4
-0.2
0
VGS = -10V
-3V
-4V
-6V
-8V
VGS = -10V
-8V
-6V
-3V
-4V
SO-8 (pulsed)
TC = 25°C
TO-92 (DC)
TO-92 (pulsed)
SO-8
(DC)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com