Electronic Components Datasheet Search
  English  ▼

X  

SC-150 Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # SC-150
Description  150W Single Output Switching Power Supply
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

SC-150 Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  SC-150 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. SC-150 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Mechanical Specification
Derating Curve
File Name:SC-150-SPEC 2004-12-01
Case No. 906
Unit:mm
INPUT VOLTAGE (V)
80
160
85
170
90
180
95
190
100
200
105
210
110
220
115
230
120
240
125
250
130
260
320
33
280
30
240
27
200
24
160
21
120
18
80
15
Ta=25
Terminal Pin. No Assignment
Pin No.
Pin No.
15
2
3
4
6
7
Assignment
Assignment
RTH(Thermistor)
DC OUTPUT -V
DC OUTPUT +V
FG
AC/L
AC/N
PSF(Power Supply Foult)
AMBIENT TEMPERATURE ( )
(HORIZONTAL)
(VERTICAL)
-10
-10
0
0
10
20
30
40
50
45
60
55
20
40
60
80
100
199
100
172
5
192
7
6
5
4
3
2
1
Static Characteristics (27V)
5-M3
20
159
190.5
6
3.5
150W Single Output Switching Power Supply
SC-150 series



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com