Electronic Components Datasheet Search
  English  ▼

X  

ASPF Datasheet(PDF) 1 Page - Crydom Inc.,

Part # ASPF
Description  PCB Mount
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYDOM [Crydom Inc.,]
Direct Link  http://www.crydom.com/en/index.shtml
Logo CRYDOM - Crydom Inc.,

ASPF Datasheet(HTML) 1 Page - Crydom Inc.,

  ASPF Datasheet HTML 1Page - Crydom Inc., ASPF Datasheet HTML 2Page - Crydom Inc., ASPF Datasheet HTML 3Page - Crydom Inc., ASPF Datasheet HTML 4Page - Crydom Inc.,  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ASPF Series
• Mini-SIP SSR
• Ratings to 3A @ 280 V AC
• SCR output
• DC control
• Zero-crossing (resistive loads) or random-fire (inductive loads) output
PRODUCT SELECTION
Control Voltage
Zero Crossing
Random Fire
4-10 VDC
ASPF240D3
ASPF240D3R
OUTPUT SPECIFICATIONS (1)
Description
Operating Voltage (47-63Hz) [Vrms]
24-280
24-280
Transient Overvoltage [Vpk]
600
600
Maximum Off-State Leakage Current @ Rated Voltage [mArms]
0.1
0.1
Minimum Off-State dv/dt @ Maximum Rated Voltage [V/µsec] (3)
500
500
Maximum Load Current [Arms]
3.0
3.0
Minimum Load Current [Arms]
0.1
0.1
Maximum Surge Current (16.6ms) [Apk]
40
40
Maximum On-State Voltage Drop @ Rated Current [Vpk]
1.5
1.5
Minimum Power Factor (with Maximum Load)
0.5
0.5
INPUT SPECIFICATIONS (1)
Description
Control Voltage Range
4-10 VDC
Must Turn On Voltage
4.0 VDC
Must Turn Off Voltage
1.0 VDC
Typical Input Current @ 5 VDC
15 mAdc
Nominal Input Impedance
300 Ohm
Maximum Turn-On Time [msec] (4)
1/2 Cycle
Maximum Turn-Off Time [msec]
1/2 Cycle
GENERAL SPECIFICATIONS
Description
Parameters
Dielectric Strength, Input/Output/Base (50/60Hz)(2)
3750 Vrms
Minimum Insulation Resistance (@ 500 VDC)(2)
10 9 Ohm
Maximum Capacitance, Input/Output
8 pF
Ambient Operating Temperature Range
-30 to 80˚C
Ambient Storage Temperature Range
-30 to 125˚C
Weight (typical)
0.35 oz. (10g)
Encapsulation
Thermally Conductive Epoxy
GENERAL NOTES
1) All parameters at 25°C unless otherwise specified.
2) Dielectric and insulation resistence are measured between input and output
3) Off-State dv/dt test method per EIA/NARM standard RS-443.
4) Turn-On time for random turn-on versions is 0.01 msec (DC C
For Contact information visit our web
site.
www.crydom.com
©2008 Crydom, Inc.
Specifications subject to change without notice.


Similar Part No. - ASPF

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
ASPF240D3 CRYDOM-ASPF240D3 Datasheet
1Mb / 20P
THE GLOBAL EXPERT IN SOLID STATE RELAY TECHNOLOGY
ASPF240D3R CRYDOM-ASPF240D3R Datasheet
1Mb / 20P
THE GLOBAL EXPERT IN SOLID STATE RELAY TECHNOLOGY
logo
ITT Industries
ASPFC2A04AC ITT-ASPFC2A04AC Datasheet
373Kb / 6P
General Purpose Snap-acting Switches
logo
C&K Components
ASPFC2A04AC CK-COMPONENTS-ASPFC2A04AC Datasheet
555Kb / 5P
General Purpose Snap-acting Switches
14 Jan 19
logo
ITT Industries
ASPFC2A04AW ITT-ASPFC2A04AW Datasheet
373Kb / 6P
General Purpose Snap-acting Switches
More results

Similar Description - ASPF

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
D2W CRYDOM-D2W Datasheet
505Kb / 4P
PCB Mount
LC241 CRYDOM-LC241 Datasheet
475Kb / 4P
PCB Mount
MCX CRYDOM-MCX Datasheet
511Kb / 4P
PCB Mount
MCX241 CRYDOM-MCX241 Datasheet
445Kb / 4P
PCB Mount
MPF CRYDOM-MPF Datasheet
517Kb / 4P
PCB Mount
logo
XP Power Limited
ECP20US03 XPPOWER-ECP20US03 Datasheet
73Kb / 2P
PCB Mount
logo
Crydom Inc.,
UPD2415 CRYDOM-UPD2415_12 Datasheet
831Kb / 5P
PCB Mount
UPD2415TP CRYDOM-UPD2415TP_13 Datasheet
731Kb / 5P
PCB Mount
CN024D05 CRYDOM-CN024D05_13 Datasheet
696Kb / 6P
PCB Mount
CX240D5 CRYDOM-CX240D5_12 Datasheet
744Kb / 5P
PCB Mount
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com