Electronic Components Datasheet Search
  English  ▼

X  

H12WD Datasheet(PDF) 2 Page - Crydom Inc.,

Part # H12WD
Description  Panel Mount
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYDOM [Crydom Inc.,]
Direct Link  http://www.crydom.com/en/index.shtml
Logo CRYDOM - Crydom Inc.,

H12WD Datasheet(HTML) 2 Page - Crydom Inc.,

  H12WD Datasheet HTML 1Page - Crydom Inc., H12WD Datasheet HTML 2Page - Crydom Inc., H12WD Datasheet HTML 3Page - Crydom Inc., H12WD Datasheet HTML 4Page - Crydom Inc., H12WD Datasheet HTML 5Page - Crydom Inc.,  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
INPUT SPECIFICATIONS (1)
Description
DC Control
Control Voltage Range
4-32 VDC
Maximum Turn-On Voltage
4.0 VDC
Minimum Turn-Off Voltage
1 .0 VDC
Typical Input Current
15 mADC (5)
Nominal Input Impedance
See Note 5
Maximum Turn-On Time [msec] (4)
1/2 Cycle
Maximum Turn-Off Time [msec]
1/2 Cycle
GENERAL SPECIFICATIONS
Description
Parameters
Dielectric Strength, Input/Output/Base (50/60Hz)
4000 Vrms
Minimum Insulation Resistance (@ 500 V DC)
109 Ohm
Maximum Capacitance, Input/Output
8 pF
Ambient Operating Temperature Range
-40 to 80 °C
Ambient Storage Temperature Range
-40 to 125 °C
Weight (typical)
3 oz (86.5 g)
Encapsulation
Thermally conductive Epoxy
Terminals
Screw and saddle Clamps Furnished, Unmounted
Recommended Terminal Screw Torque Range:
6-32 Screws - 10 in/lbs. 8-32 & 10-32 Screws - 20 in. lbs. (Screws dry without grease)
Fastons:
Single pair (up to 25A) Double pair* (50A model only) Caution: User must connect to both pairs
GENERAL NOTES
1) All parameters at 25°C and per section unless otherwise specified.
2) Off-State dv/dt test method per EIA/NARM standard RS-443, paragraph 13.11.1
3) Heat sinking required, for derating curves see page 2.
4) Turn-on time for DC control random turn-on versions is 0.02 msec
5) Input circuitry version incorporates active current limiter.
6) Only 125A model CE Compliant.
For Contact information visit our web
site.
www.crydom.com
©2008 Crydom, Inc.
Specifications subject to change without notice.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com