Electronic Components Datasheet Search
  English  ▼

X  

VN1206 Datasheet(PDF) 2 Page - Supertex, Inc

Part # VN1206
Description  N-Channel Enhancement-Mode Vertical DMOS FETs
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

VN1206 Datasheet(HTML) 2 Page - Supertex, Inc

  VN1206 Datasheet HTML 1Page - Supertex, Inc VN1206 Datasheet HTML 2Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
1235 Bordeaux Drive, Sunnyvale, CA 94089
TEL: (408) 744-0100 • FAX: (408) 222-4895
www.supertex.com
11/12/01
©2001 Supertex Inc. All rights reserved. Unauthorized use or reproduction prohibited.
VN1206
Thermal Characteristics
Symbol
Parameter
Min
Typ
Max
Unit
Conditions
BVDSS
Drain-to-Source Breakdown Voltage
120
V
VGS = 0V, ID = 100µA
VGS(th)
Gate Threshold Voltage
0.8
2.0
V
VGS = VDS, ID = 1mA
I
GSS
Gate Body Leakage
100
nA
V
GS = ±15V, VDS = 0V
IDSS
Zero Gate Voltage Drain Current
10
VGS = 0V, VDS = Max Rating
500
µAVGS = 0V, VDS = Max Rating
TA = 125°C
ID(ON)
ON-State Drain Current
1.0
A
VGS = 10V, VDS = 10V
R
DS(ON)
10
V
GS = 2.5V, ID = 0.1A
6.0
VGS = 10V, ID = 0.5A
GFS
Forward Transconductance
300
m
VDS = 10V, ID = 0.5A
C
ISS
Input Capacitance
125
COSS
Common Source Output Capacitance
50
pF
CRSS
Reverse Transfer Capacitance
20
t
r
Rise Time
8.0
td(ON)
Turn-ON Delay Time
8.0
t
f
Fall Time
12
t
d(OFF)
Turn-OFF Delay Time
18
VSD
Diode Forward Voltage Drop
1.2
V
ISD = 0.25A, VGS = 0V
Notes:
1. All D.C. parameters 100% tested at 25°C unless otherwise stated. (Pulse test: 300µs pulse, 2% duty cycle.)
2. All A.C. parameters sample tested.
VGS = 0V, VDS = 25V
f = 1 MHz
Static Drain-to-Source
ON-State Resistance
ns
VDD = 60V, ID = 0.4A
R
GEN = 25Ω
Electrical Characteristics (@ 25°C unless otherwise specified)
Switching Waveforms and Test Circuit
90%
10%
90%
90%
10%
10%
PULSE
GENERATOR
V
DD
R
L
OUTPUT
D.U.T.
t
(ON)
t
d(ON)
t
(OFF)
t
d(OFF)
t
F
t
r
INPUT
INPUT
OUTPUT
10V
V
DD
R
gen
0V
0V
Package
I
D (continuous)
*
I
D (pulsed)
Power Dissipation
θjc
θja
I
DR
*
I
DRM
@ TC = 25°C
°C/W
°C/W
TO-92
0.23A
2.0A
1W
125
170
0.23A
2.0A
* I
D (continuous) is limited by max rated Tj.
Ω



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com