Electronic Components Datasheet Search
  English  ▼

X  

TP-75 Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # TP-75
Description  75W Triple Output with PFC Function
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

TP-75 Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  TP-75 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. TP-75 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. TP-75 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
..
SPECIFICATION
TP-75D
TP-7503
MODEL
DCVOLTAGE
RATEDCURRENT
CURRENTRANGE
RATEDPOWER
OUTPUT
VOLTAGE ADJ.RANGE
LINEREGULATION
LOADREGULATION
SETUP,RISETIME
HOLDUP TIME (Typ.)
VOLTAGERANGE
Note.5
FREQUENCY RANGE
POWERFACTOR
EFFICIENCY (Typ.)
INPUT
INRUSHCURRENT(max.)
LEAKAGECURRENT
SAFETY STANDARDS
HARMONICCURRENT
EMSIMMUNITY
WORKINGTEMP.
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVERLOAD
OVERVOLTAGE
ACCURRENT
5V
CH1
CH1
24V
CH2
CH2
12V
CH3
CH3
5V
3.3V
12V
7A
1.5A
0.4A
9A
8A
0.3A
1.5~10A
0.2~2.5A
0~0.6A
1.5~10A
0.2~8A
0~0.6A
75.8W
75W
100mVp-p
120mVp-p
120mVp-p
100mVp-p
50mVp-p
120mVp-p
± 3.0%
± 3.0%
± 3.0%
± 3.0%
CH1:4.75~5.5V
± 4.0%
± 4.0%
± 4.0%
± 4.0%
± 8.0%
± 8.0%
± 8.0%
± 8.0%
± 1.0%
± 1.0%
± 1.0%
± 1.0%
± 1.0%
± 1.0%
800ms,60msatfullload
36msatfullload
90~264VAC127~370VDC
47~63Hz
PF>0.95/230VACPF>0.98/115VACatfullload
70%
1.5A/115VAC0.8A/115VAC
COLDSTART 20A/230VAC
<2mA /240VAC
105~150% ratedoutputpower
5.75~6.75Von+5V
Protectiontype:Hiccupmode,recoversautomaticallyafterfaultconditionisremoved
Protectiontype:Shutdowno/pvoltage,re-powerontorecover
UL60950-1, TUVEN60950-1approved
CompliancetoEN55022(CISPR22)ClassB
Complianceto EN61000-3-2,-3
CompliancetoEN61000-4-2,3,4,5,6,8,11;ENV50204,EN55024,lightindustrylevel,criteria A
-10~+60
(Refertooutputloadderatingcurve)
20~90%RHnon-condensing
-20~+85
,10~95%RH
±
)
0.03%/
(0~50
10~500Hz,2G10min./1cycle,60min.eachalongX, Y,Zaxes
198.4Khrsmin.MIL-HDBK-217F(25
)
179*99*33mm(L*W*H)
FileName:TP-75-SPEC2007-10-25
75W TripleOutputwithPFCFunction
Universal AC input / Full range
Built-in active PFC function, PF>0.95
Protections: Short circuit / Overload/ Over voltage
Low profile: 33mm thickness
LED indicator for power on
Cooling by free air convection
Fixed switching frequency at PFC:67KHz PWM:134KHz
3 years warranty
Features :
T P - 7 5 series
RIPPLE&NOISE(max.) Note.2
VOLTAGETOLERANCE Note.3
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
I/P-O/P:3KVACI/P-FG:1.5KVACO/P-FG:0.5KVAC1min.
I/P-O/P,I/P-FG,O/P-FG:100MOhms/500VDC
ENVIRONMENT
SAFETY &
EMC
(Note4)
PROTECTION
EMICONDUCTION&RADIATION
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25
of ambient temperature.
2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
3. Tolerance : includes set up tolerance, line regulation and load regulation.
4. The power supply is considered a component which will be installed into a final equipment. The final equipment must be re-confirmed that it still meets
EMC directives.
5. Derating may be needed under low input voltages. Please check the derating curve for more details.
0.65Kg;20pcs/12.7Kg/0.64CUFT
OUTPUTNUMBER



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com