Electronic Components Datasheet Search
  English  ▼

X  

BU326 Datasheet(PDF) 1 Page - Mospec Semiconductor

Part # BU326
Description  POWER TRANSISTORS(6A,375-400V,75W)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor

BU326 Datasheet(HTML) 1 Page - Mospec Semiconductor

  BU326 Datasheet HTML 1Page - Mospec Semiconductor BU326 Datasheet HTML 2Page - Mospec Semiconductor BU326 Datasheet HTML 3Page - Mospec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
A


Similar Part No. - BU326

ManufacturerPart #DatasheetDescription
logo
Boca Semiconductor Corp...
BU326 BOCA-BU326 Datasheet
129Kb / 3P
HIGH VOLTAGE POWER TRANSISTORS
logo
Inchange Semiconductor ...
BU326 ISC-BU326 Datasheet
57Kb / 2P
isc Silicon NPN Power Transistor
logo
Savantic, Inc.
BU326 SAVANTIC-BU326 Datasheet
111Kb / 3P
Silicon NPN Power Transistors
BU326 SAVANTIC-BU326 Datasheet
113Kb / 3P
Silicon NPN Power Transistors
logo
New Jersey Semi-Conduct...
BU326 NJSEMI-BU326 Datasheet
134Kb / 2P
Silicon NPN Power Transistor
More results

Similar Description - BU326

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N4231A MOSPEC-2N4231A Datasheet
189Kb / 4P
POWER TRANSISTORS(5A,75W)
2N6298 MOSPEC-2N6298 Datasheet
177Kb / 4P
POWER TRANSISTORS(8A, 75W)
2N6486 MOSPEC-2N6486 Datasheet
190Kb / 4P
POWER TRANSISTORS(15A,75W)
BU426 MOSPEC-BU426 Datasheet
103Kb / 3P
POWER TRANSISTORS(6.0A,375-400V,113W)
MJE13004 MOSPEC-MJE13004 Datasheet
180Kb / 4P
POWER TRANSISTORS(4A,300-400V,75W)
MJE2801T MOSPEC-MJE2801T Datasheet
119Kb / 2P
POWER TRANSISTORS(10A,60V,75W)
MJE2955T MOSPEC-MJE2955T Datasheet
123Kb / 3P
POWER TRANSISTORS(10A,60V,75W)
logo
Unisonic Technologies
6N40_1109 UTC-6N40_1109 Datasheet
189Kb / 6P
6A, 400V N-CHANNEL POWER MOSFET
logo
Nell Semiconductor Co.,...
MJE13005A NELLSEMI-MJE13005A Datasheet
309Kb / 6P
Switchmode Series NPN Silicon Power Transistors (4A / 400V / 75W)
logo
Weidmuller
2660200282 WEIDMULLER-2660200282 Datasheet
150Kb / 3P
PRO PM 75W 12V 6A
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com