Electronic Components Datasheet Search
  English  ▼

X  

ABX Datasheet(PDF) 1 Page - Altech corporation

Part # ABX
Description  30 mm Non-Illuminated Booted Momentary Metal Operator ABx
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation

ABX Datasheet(HTML) 1 Page - Altech corporation

  ABX Datasheet HTML 1Page - Altech corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ITEM DESCRIPTION
CAT. NO.
COLOR
MIN. QTY. MAX. QTY.
AB1
White
1
1
AB2
Black
1
1
AB3
Green
1
1
AB4
Red
1
1
AB6
Blue
1
1
AB8
Yellow
1
1
2*
Rubber washer
ARW1.2/ARW3.2
Black
1
4
3
Panel
-
-
-
-
4**
Contact Element washer
-
Black
1
2
5**
Switch Contacts
S11
Red
1
2
6**
Switch Contacts
S12
Yellow
1
2
7**
Contact Block Installation Screws SC25/SC45/SC65/SC90 -
2
2
1*
Booted Operator
R
This Drawing is the property of
35 Royal Road
Flemington, NJ 08822-6000
(908) 806-9400
Fax (908) 806-9490
and is a confidential
disclosurelent without
consideration other than the
borrower’s agreement that it
shall not be reproduced,
copied, lent or disposed of
directly or indirectly nor
used for any purpose other
than that for which it is
specifically furnished.
unless otherwise specified:
all dimensions are in millimeters
third angle projection
M
E
T
R
I
C
tolerance
XX
XX.X
XX.XX
ALL
±1 mm
±0.5 mm
±0.2 mm
− mm
=
=
=
=
titel
drawn by:
checked by:
released by:
drawing no.:
rev.:
scale:
sheet:
of:
Laszlo Gyorgypal
11/19/2007
11/19/2007
Philipp Ernstberger
11/19/2007
30 mm Non-Illuminated Booted Momentary Metal Operator ABx
(x=color)
1PB-ABx
-
-
1
1
Laszlo Gyorgypal
revision for dwg # 1PB-ABx
rev
-
ch.no.
-
description
original design
date
revised by
11/19/2007
Philipp E.
16 mm
[.6 in]
max. 6 mm
[.25 in]
16 mm
[.6 in]
55 mm
[2.2 in]
98 mm
[3.9 in]
1
2
3
4
5
6
7
* =
Operator includes 3x ARW1.2 and 1x ARW3.2
** =
Switch Contacts include Contact element washer and two SC24 installation screws, if more than
two contact blocks are used, additional screws must be purchased seperatly (SC45, SC65 or SC90)


Similar Part No. - ABX

ManufacturerPart #DatasheetDescription
logo
Arduino
ABX00004 ARDUINO-ABX00004 Datasheet
4Mb / 49P
ARDUINO, YOUR GATEWAT TO A WORLD FULL OF INVENTIONS
ABX00011 ARDUINO-ABX00011 Datasheet
4Mb / 49P
ARDUINO, YOUR GATEWAT TO A WORLD FULL OF INVENTIONS
ABX00012 ARDUINO-ABX00012 Datasheet
4Mb / 49P
ARDUINO, YOUR GATEWAT TO A WORLD FULL OF INVENTIONS
logo
AG Electronica
ABX00012 AGELECTRONICA-ABX00012 Datasheet
1Mb / 16P
ARDUINO MKR ZERO
4/12/2021
logo
Arduino
ABX00014-B ARDUINO-ABX00014-B Datasheet
4Mb / 49P
ARDUINO, YOUR GATEWAT TO A WORLD FULL OF INVENTIONS
More results

Similar Description - ABX

ManufacturerPart #DatasheetDescription
logo
Altech corporation
APX ALTECH-APX Datasheet
386Kb / 1P
30 mm Non-Illuminated Projecting Momentary Metal Operator APx
AMX ALTECH-AMX Datasheet
325Kb / 1P
30 mm Non-Illuminated Mushroom Momentary Metal Operator AMx
AMLKBX ALTECH-AMLKBX Datasheet
345Kb / 1P
30 mm Non-Illuminated Mushroom Metal Operator AMLKBx and AMKBx
AFX ALTECH-AFX Datasheet
372Kb / 1P
30 mm Non-Illuminated Flush Momentary Metal Operator AFx
2AMX ALTECH-2AMX Datasheet
184Kb / 1P
22mm Non-Illuminated Mushroom Momentary Mental Operator 2AMx
2ALFXLB-YYY ALTECH-2ALFXLB-YYY Datasheet
152Kb / 1P
22 mm LED Illuminated Metal Flush Momentary Operator
2AFXRH ALTECH-2AFXRH Datasheet
210Kb / 1P
22 mm Non-Illuminated Recessed Metal Operator 2AFxRh
2AFX ALTECH-2AFX Datasheet
227Kb / 1P
22 mm Non-Illuminated Metal Operator 2AFx
2ABX ALTECH-2ABX Datasheet
179Kb / 1P
22mm Non-Illuminated Booted Momentary 2ABx
AM4 ALTECH-AM4 Datasheet
329Kb / 1P
30 mm Non-Illuminated Mushroom Momentary Metal Operator AMx
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com