Electronic Components Datasheet Search
  English  ▼

X  

VN2222LL Datasheet(PDF) 2 Page - Supertex, Inc

Part # VN2222LL
Description  N-Channel Enhancement-Mode Vertical DMOS FETs
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

VN2222LL Datasheet(HTML) 2 Page - Supertex, Inc

  VN2222LL Datasheet HTML 1Page - Supertex, Inc VN2222LL Datasheet HTML 2Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
1235 Bordeaux Drive, Sunnyvale, CA 94089
TEL: (408) 744-0100 • FAX: (408) 222-4895
www.supertex.com
11/12/01
©2001 Supertex Inc. All rights reserved. Unauthorized use or reproduction prohibited.
Thermal Characteristics
VN2222LL
Electrical Characteristics (@ 25°C unless otherwise specified)
Symbol
Parameter
Min
Typ
Max
Unit
Conditions
BV
DSS
Drain-to-Source Breakdown Voltage
60
V
V
GS = 0V, ID= 100µA
VGS(th)
Gate Threshold Voltage
0.6
2.5
V
VGS = VDS, ID = 1mA
IGSS
Gate Body Leakage
100
nA
VGS = ±20V, VDS = 0V
I
DSS
Zero Gate Voltage Drain Current
10
V
GS = 0V, VDS = Max Rating
500
µAVGS = 0V, VDS = 48V
T
A = 125°C
ID(ON)
ON-State Drain Current
0.75
A
VGS = 10V, VDS = 10V
RDS(ON)
Static Drain-to-Source ON-State Resistance
7.5
Ω
VGS = 5V, ID = 0.2A
7.5
Ω
V
GS = 10V, ID = 0.5A
GFS
Forward Transconductance
100
m
VDS = 10V, ID = 0.5A
CISS
Input Capacitance
60
C
OSS
Common Source Output Capacitance
25
pF
CRSS
Reverse Transfer Capacitance
8
t(ON)
Turn-ON Time
10
t
(OFF)
Turn-OFF Time
10
VSD
Diode Forward Voltage Drop
0.85
V
VGS = 0V, ISD = 0.2A
Notes:
1. All D.C. parameters 100% tested at 25°C unless otherwise stated. (Pulse test: 300µs pulse, 2% duty cycle.)
2. All A.C. parameters sample tested.
VGS = 0V, VDS = 25V
f = 1 MHz
ns
V
DD = 15V, ID = 0.6A
R
GEN = 25Ω
Switching Waveforms and Test Circuit
90%
10%
90%
90%
10%
10%
PULSE
GENERATOR
V
DD
R
L
OUTPUT
D.U.T.
t
(ON)
t
d(ON)
t
(OFF)
t
d(OFF)
t
F
t
r
INPUT
INPUT
OUTPUT
10V
V
DD
R
gen
0V
0V
Package
ID (continuous)*
ID (pulsed)
Power Dissipation
θjc
θja
IDR*IDRM
@ T
C = 25°C
°C/W
°C/W
TO-92
0.23A
1.0A
1W
125
170
0.23A
1.0A
* I
D (continuous) is limited by max rated Tj.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com