Electronic Components Datasheet Search
  English  ▼

X  

2AMX Datasheet(PDF) 1 Page - Altech corporation

Part # 2AMX
Description  22mm Non-Illuminated Mushroom Momentary Mental Operator 2AMx
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation

2AMX Datasheet(HTML) 1 Page - Altech corporation

  2AMX Datasheet HTML 1Page - Altech corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - 2AMX

ManufacturerPart #DatasheetDescription
logo
Sensata Technologies, I...
2AM SENSATA-2AM Datasheet
228Kb / 6P
Motor Protector
logo
RFHIC
2AM0405S RFHIC-2AM0405S Datasheet
890Kb / 9P
Variable Gain Amplifier
2AM0905S RFHIC-2AM0905S Datasheet
890Kb / 9P
Variable Gain Amplifier
2AM0921S RFHIC-2AM0921S Datasheet
890Kb / 9P
Variable Gain Amplifier
2AM2105S RFHIC-2AM2105S Datasheet
890Kb / 9P
Variable Gain Amplifier
More results

Similar Description - 2AMX

ManufacturerPart #DatasheetDescription
logo
Altech corporation
AMX ALTECH-AMX Datasheet
325Kb / 1P
30 mm Non-Illuminated Mushroom Momentary Metal Operator AMx
2AMPPJX ALTECH-2AMPPJX Datasheet
192Kb / 1P
22mm Non-Illuminated Mushroom Push-Pull Mental Large Operator 2AMPPJx
2AMLSX ALTECH-2AMLSX Datasheet
213Kb / 1P
22mm Non-Illuminated Projecting Mental Operator 2APx
2AMLJX ALTECH-2AMLJX Datasheet
189Kb / 1P
22mm Non-Illuminated Mushroom Push-Turn Mental Operator 2AMLJx
2AMJX ALTECH-2AMJX Datasheet
188Kb / 1P
22mm Non-Illuminated Large Mushroom Momentary Mental Operator 2AMJx
2ALMXLB-XXX ALTECH-2ALMXLB-XXX Datasheet
253Kb / 1P
22mm LED Illuminated Momentary Mental Operator 2ALMyLB-xxx
2ALMPPXLB-XXX ALTECH-2ALMPPXLB-XXX Datasheet
251Kb / 1P
22mm LED Illuminated Push - Pull Mental Operator 2ALMyLB-xxx
2AK2-XX ALTECH-2AK2-XX Datasheet
263Kb / 1P
22mm Non-Illuminated Mental Key Selector Switch Operator 2AK2-xx
2ABX ALTECH-2ABX Datasheet
179Kb / 1P
22mm Non-Illuminated Booted Momentary 2ABx
AM4 ALTECH-AM4 Datasheet
329Kb / 1P
30 mm Non-Illuminated Mushroom Momentary Metal Operator AMx
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com