Electronic Components Datasheet Search
  English  ▼

X  

K7045C Datasheet(PDF) 3 Page - Altech corporation

Part # K7045C
Description  Enclosure
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation

K7045C Datasheet(HTML) 3 Page - Altech corporation

  K7045C Datasheet HTML 1Page - Altech corporation K7045C Datasheet HTML 2Page - Altech corporation K7045C Datasheet HTML 3Page - Altech corporation K7045C Datasheet HTML 4Page - Altech corporation K7045C Datasheet HTML 5Page - Altech corporation K7045C Datasheet HTML 6Page - Altech corporation K7045C Datasheet HTML 7Page - Altech corporation K7045C Datasheet HTML 8Page - Altech corporation K7045C Datasheet HTML 9Page - Altech corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 68 page
background image
DIN Rail
9
116
9
17
45
55
112
114
98
27
20
12
4
41
2
9.5
55
55
1
2
3
2
1
Altech Corp.® • 35 Royal Road • Flemington, NJ 08822-6000 • Phone (908)806-9400 • FAX (908)806-9490 • www.altechcorp.com
6
M4
Din Rail
22.5
97
5
88
2
17.0
12
1
Part Number
Type
Description
PCB Connection
90.001
K7022.5A
Double Level
Wire Jumper/
Terminals
Fast On
Accessories
Part Number
Type
DIN Rail
2511120/1M
TS35x7.5/1M
Terminal Covers*
90.001.1/90.001.2
K7022.5A/TC1,TC2
* Note: Need one of each Terminal Cover.
** Note: One piece Teminal Cover covers both sides.
Electrical:
25A, 300V, 24-14 AWG
Housing Material:
ABS
Cover Material:
Glass-filled Polycarbonate
Temperature Range:
Up to 60°C (140°F)
Flammability Rating:
UL94 V-O
Color:
Light Gray
Terminal Type:
Pressure Plate
Terminal Screw Size:
M2.5
Recommended Torque:
0.8Nm
PCB Locations:
(2) Vertical
Mounting:
35mm DIN Rail or
panel mount
TECHNICAL INFORMATION
ORDERING INFORMATION
ACCESSORIES
ENCLOSURE DRAWING (To convert to inches divide by 25.4.)
8 Terminal
Solder/Tab Connection
K70 Enclosure Series
70
1
2
22
1.5
30°
6
1.5 thick
unusable space
1
PCB DRAWING (To convert to inches divide by 25.4.)
Part Number
Type
Description
PCB Connection
90.010
K7045C
Single Level
Wire Jumper/
Terminals
Fast On
Accessories
Part Number
Type
DIN Rail
2511120/1M
TS35x7.5/1M
Terminal Cover**
90.010.1
K7045C/TC1
Electrical:
25A, 300V, 22-14 AWG
Housing Material:
ABS
Cover Material:
Glass-filled Polycarbonate
Temperature Range:
Up to 60°C (140°F)
Flammability Rating:
UL94 V-O
Color:
Light Gray
Terminal Type:
Pressure Plate
Terminal Screw Size:
M3.5
Recommended Torque:
0.8Nm
PCB Locations:
(10) Vertical
Mounting:
35mm DIN Rail or
panel mount
TECHNICAL INFORMATION
ORDERING INFORMATION
ACCESSORIES
ENCLOSURE DRAWING (To convert to inches divide by 25.4.)
10 Terminal
Solder/Tab Connection
1.5 thick
65.5
51
R1
.5
R1
.5
R1
.5
R2
.5
R2
.5
15.5
34
1.5 thick
1.5
15.5
34
65.1
R2
.5
1.5 thick
34
65.1
1.5
unusable space
1
2
3
PCB DRAWING (To convert to inches divide by 25.4.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com