Electronic Components Datasheet Search
  English  ▼

X  

VKA1.V Datasheet(PDF) 13 Page - Altech corporation

Part # VKA1.V
Description  Extended/Direct Handle Motor Disconnect Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation

VKA1.V Datasheet(HTML) 13 Page - Altech corporation

Back Button VKA1.V Datasheet HTML 6Page - Altech corporation VKA1.V Datasheet HTML 7Page - Altech corporation VKA1.V Datasheet HTML 8Page - Altech corporation VKA1.V Datasheet HTML 9Page - Altech corporation VKA1.V Datasheet HTML 10Page - Altech corporation VKA1.V Datasheet HTML 11Page - Altech corporation VKA1.V Datasheet HTML 12Page - Altech corporation VKA1.V Datasheet HTML 13Page - Altech corporation VKA1.V Datasheet HTML 14Page - Altech corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
Altech Corp.® • 35 Royal Road • Flemington, NJ 08822-6000 • Phone (908)806-9400 • FAX (908)806-9490 • www.altechcorp.com
KER3100UL
KER3100UL Y/R
3*
100A
600V AC
–
54A
1 Phase
3 Phase
37.5
7.5
15
7.5
15
10
20
10
20
1020
15
30
20
40
30
50
10kA
150A
150A
–
200A
4-1/0AWG
50 lb. in.
NEMA Type 4X
H32
1.9051kg (4.2 lb.)
VKA1.V, VKA2.V
KER3125UL
KER3125UL Y/R
3*
125A
600V AC
–
68A
1 Phase
3 Phase
510
10
20
1020
15
25
15
25
15
30
20
40
30
50
30
60
10kA
150A
150A
–
200A
4-1/0AWG
50 lb. in.
NEMA Type 4X
H32
1.9051kg (4.2 lb.)
VKA1.V, VKA2.V
Stainless Steel Enclosed Motor Disconnect Switch
15
KER360UL
KER360UL Y/R
3*
60A
600V AC
34A
27A
1 Phase
3 Phase
35
5
10
510
510
510
7.5
10
10
20
1525
15
25
10kA
60A
60A (80A@480V AC)
100A
100A
12-4AWG
16 lb. in.
NEMA Type 4X
H32
2.3kg
(5.071 lb..)
KU1.V, KU2.V
KER380UL
KER380UL Y/R
3*
80A
600V AC
–
47A
1 Phase
3 Phase
37.5
7.5
10
7.5
15
7.5
15
10
20
10
20
15
25
20
30
25
40
10kA
150A
150A
—
200A
4-1/0AWG
50 lb. in.
NEMA Type 4X
H32
1.021kg (2.249 lb.)
VKA1.V, VKA2.V
ON
160 mm
125 mm
90 mm
139 mm
H32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com