Electronic Components Datasheet Search
  English  ▼

X  

K70100P Datasheet(PDF) 6 Page - Altech corporation

Part # K70100P
Description  Enclosure
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation

K70100P Datasheet(HTML) 6 Page - Altech corporation

Back Button K70100P Datasheet HTML 2Page - Altech corporation K70100P Datasheet HTML 3Page - Altech corporation K70100P Datasheet HTML 4Page - Altech corporation K70100P Datasheet HTML 5Page - Altech corporation K70100P Datasheet HTML 6Page - Altech corporation K70100P Datasheet HTML 7Page - Altech corporation K70100P Datasheet HTML 8Page - Altech corporation K70100P Datasheet HTML 9Page - Altech corporation K70100P Datasheet HTML 10Page - Altech corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 68 page
background image
1.5 thick
1.5 thick
1.5 thick
1.5 thick
1.5 thick
8.5
1.15
Ø1.6
6.85
68
65
65
34
67.5
R
2.5
70.5
70.5
2.4
4
8.5
1
3
4
5
2
1.5 thick
15.5
51
R1
.5
R2
.5
1.5 thick
1.5
15.5
R2
.5
R1
.5
1.5 thick
1.5
R2
.5
R1
.5
unusable space
65.5
65.1
65.1
34
34
34
1
2
3
DIN Rail
113
124
9
9
17
45
55
126
12
5
41
2
5
10
55
1
2
3
2
1
27
20
4
DIN Rail
9
75
44
7
98
114
116
9
112
13
71
11
11
2
6
4
2
3
5
1
Part Number
Type
Description
PCB Connection
90.050.5
K7075P
Single Level
Wire Jumper/
Terminals
Solder Tab/ Card Edge
Accessories
Part Number
Type
DIN Rail
2511120/1M
TS35x7.5/1M
Terminal Covers*
90.050.1
K7075P/TC1
* Note: Need two Terminal Covers.
Electrical:
10A, 300V, 22-14 AWG
Housing Material:
ABS
Cover Material:
Glass-filled Polycarbonate
Temperature Range:
Up to 60°C (140°F)
Flammability Rating:
UL94 V-O
Color:
Light Gray
Terminal Type:
Pressure Plate
Terminal Screw Size:
M3.5
Recommended Torque:
0.8Nm
PCB Locations:
(7) Vertical (6) Horizontal
(1) Behind Cover
Mounting:
35mm DIN Rail
TECHNICAL INFORMATION
ORDERING INFORMATION
ACCESSORIES
ENCLOSURE DRAWING (To convert to inches divide by 25.4.)
16 Terminal
Pluggable Connection
(DIN Rail Mount Only)
PCB DRAWING (To convert to inches divide by 25.4.)
Part Number
Type
Description
PCB Connection
90.060
K7045D1
Double Level
Wire Jumper/
Terminals
Fast On
Accessories
Part Number
Type
DIN Rail
2511120/1M
TS35x7.5/1M
Electrical:
25A, 300V, 22-14 AWG
Housing Material:
ABS
Cover Material:
Glass-filled Polycarbonate
Temperature Range:
Up to 60°C (140°F)
Flammability Rating:
UL94 V-O
Color:
Light Gray
Terminal Type:
Pressure Plate
Terminal Screw Size:
M3.5
Recommended Torque:
0.8Nm
PCB Locations:
(10) Vertical
Mounting:
35mm DIN Rail or
panel mount
TECHNICAL INFORMATION
ORDERING INFORMATION
ACCESSORIES
ENCLOSURE DRAWING (To convert to inches divide by 25.4.)
20 Terminal
Solder/Tab Connection
PCB DRAWING (To convert to inches divide by 25.4.)
Altech Corp.® • 35 Royal Road • Flemington, NJ 08822-6000 • Phone (908)806-9400 • FAX (908)806-9490 • www.altechcorp.com
9
K70 Enclosure Series



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com