Electronic Components Datasheet Search
  English  ▼

X  

BCX55 Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # BCX55
Description  NPN Medium Power Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

BCX55 Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  BCX55 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd BCX55 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
SMD Type
Transistors
BCX54,BCX55,BCX56
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Collector cutoff current
ICBO
VCB =30V, IE = 0
100
nA
VCB =30V, IE = 0; Tj = 125
10
ìA
Emitter cutoff current
IEBO
VEB =5V, IC = 0
100
nA
DC current gain
hFE
IC =5mA; VCE =2V
63
IC = 150 mA; VCE = 2 V
63
250
IC = 500 mA; VCE =2V
40
DC current gain BCX54-10,BCX55-10,BCX56-10
hFE
IC = 150 mA; VCE = 2 V
63
160
BCX54-16,BCX55-16,BCX56-16
IC = 150 mA; VCE = 2 V
100
250
Collector-emitter saturation voltage
VCE(sat)
IC = 500 mA; IB =50mA
0.5
V
Base to emitter voltage
VBE
IC = 500 mA; VCE =2V
1
V
Transition frequency
fT
IC =10mA; VCE = 5 V; f = 100 MHz
130
MHz
hFE
hFE
DC current gain ratio of the
complementary pairs
IC
= 150 mA;
VCE
=2V
1.3
1.6
hFE Classification
TYPE
BCX54
BCX54-10
BCX54-16
Marking
BA
BC
BD
TYPE
BCX55
BCX55-10
BCX55-16
Marking
BE
BG
BM
TYPE
BCX56
BCX56-10
BCX56-16
Marking
BH
BK
BL
www.kexin.com.cn



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com