Electronic Components Datasheet Search
  English  ▼

X  

2SA1971 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SA1971
Description  Silicon PNP Triple Diffused Type
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SA1971 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  2SA1971 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
Transistors
1
www.kexin.com.cn
Silicon PNP Triple Diffused Type
2SA1971
Features
High voltage: VCE = -400 V
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
Collector-base voltage
VCBO
-400
V
Collector-emitter voltage
VCEO
-400
V
Emitter-base voltage
VEBO
-7
V
Collector current
IC
-0.5
A
Collector current(pulse)
ICP
-1
A
Base current
IB
-0.25
A
500
1000 *
Junction temperature
Tj
150
Storage temperature range
Tstg
-55to+150
* Mounted on ceramic substrate (250 mm
2 X 0.8 t)
mW
PC
Collector power dissipation
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Collector cut-off current
ICBO
VCB =-400V, IE=0
-10
ìA
Emitter cut-off current
IEBO
VEB=-7V,IC=0
-1
ìA
Collector-emitter breakdown voltage
V(BR)CEO IC=-10mA, IB=0
-400
V
VCE=-5V,IC=-20mA
140
450
VCE=-5V,IC=-100mA
140
400
Collector-emitter saturation voltage
VCE (sat) IC=-100mA,IB=-10mA
-0.4
-1
V
Base-emitter saturation voltage
VBE (sat) IC=-100mA,IB=-10mA
-0.76
-0.9
V
Transition frequency
fT
VCE=-5V,IC=-50mA
35
MHz
Collector output capacitance
Cob
VCB=-10V,IE=0,f=1MHz
18
pF
Turn-on time
ton
0.2
ìs
Storage time
tstg
2.3
ìs
Fall time
tf
0.2
ìs
hFE
DC current gain


Similar Part No. - 2SA1971

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SA1971 TOSHIBA-2SA1971 Datasheet
156Kb / 3P
TRANSISTOR (HIGH VOLTAGE SWITCHING APPLICATIONS)
01-Apr-1998
2SA1971 TOSHIBA-2SA1971 Datasheet
166Kb / 4P
High-Voltage Switching Applications
2SA1971 TOSHIBA-2SA1971 Datasheet
1Mb / 73P
Bipolar Small-Signal Transistors
2SA1971 TOSHIBA-2SA1971_09 Datasheet
166Kb / 4P
High-Voltage Switching Applications
More results

Similar Description - 2SA1971

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SA490 TOSHIBA-2SA490 Datasheet
87Kb / 2P
SILICON PNP TRIPLE DIFFUSED TYPE
2SA1265 TOSHIBA-2SA1265 Datasheet
94Kb / 2P
SILICON PNP TRIPLE DIFFUSED TYPE
TBF870 TOSHIBA-TBF870 Datasheet
119Kb / 4P
SILICON PNP TRIPLE DIFFUSED TYPE
2SB1375 TOSHIBA-2SB1375_06 Datasheet
142Kb / 5P
Silicon PNP Triple Diffused Type
2SB1411 TOSHIBA-2SB1411_06 Datasheet
148Kb / 5P
Silicon PNP Triple Diffused Type
21-Nov-2006
2SB1667 TOSHIBA-2SB1667_06 Datasheet
161Kb / 5P
Silicon PNP Triple Diffused Type
logo
Guangdong Kexin Industr...
2SB1667 KEXIN-2SB1667 Datasheet
45Kb / 2P
Silicon PNP Triple Diffused Type
logo
KEC(Korea Electronics)
BF421 KEC-BF421_02 Datasheet
59Kb / 3P
SILICON PNP TRIPLE DIFFUSED TYPE
BF421 KEC-BF421 Datasheet
847Kb / 3P
SILICON PNP TRIPLE DIFFUSED TYPE
BF423 KEC-BF423 Datasheet
53Kb / 3P
SILICON PNP TRIPLE DIFFUSED TYPE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com